Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2203-30/33U6F Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP2203-30/33U6F
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2203-30/33U6F Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP2203-30/33U6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP2203-30/33U6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP2203
LP2203 – 01 Ver. 1.1 Datasheet
Feb.-2008
Page 1 of 8
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
General Description
The LP2203 is a dual channel, low noise, and low
dropout regulator sourcing up to 250mA at each
channel. The range of output voltage is from 1.2V to
3.6V by operating from 2.5V to 5.5V input.
LP2203 offers 2% accuracy, extremely low dropout
voltage (80mV @ 150mA), and extremely low ground
current, only 25µA per LDO. The shutdown current is
near zero current which is suitable for battery-power
devices. Other features include current limiting, over
temperature, output short circuit protection.
LP2203 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. LP2203 is available in fixed output
voltages in the USP-6 package.
Ordering Information
LP2203 -
□ □ □ □
□
F: Pb-Free
Package Type
U6: USP-6
Out1/Out2 Voltage Type
18/28: 1.8V/2.8V
18/33: 1.8V/3.3V
18/26: 1.8V/2.6V
25/28: 2.5V/2.8V
28/28: 2.8V/2.8V
28/12: 2.8V/1.2V
28/33: 2.8V/3.3V
30/30: 3.0V/3.0V
30/33: 3.0V/3.3V
33/33: 3.3V/3.3V
Typical Application Circuit
Vout1
LP2203
1
2
3
5
6
EN2
Vin
EN1
VOUT1
VOUT2
ON/OFF
Vout2
VIN
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V 
Low-Noise for RF Application
High PSRR 65dB at 1kHz
No Noise Bypass Capacitor Required 
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Dual LDO Outputs (200mA/200mA)
High Output Accuracy 2%
Ultra-low Quiescent Current 27uA
Thermal Shutdown Protection
Tiny USP-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Smart mobile phone
Battery-Powered Equipment
DSC Sensor
Wireless Card
Pin Configurations
Marking Information
Please see website.
USP-6(Top View)


Similar Part No. - LP2203-30/33U6F

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
LP2203 CIT-LP2203 Datasheet
271Kb / 3P
CIT SWITCH
LP2203F180LXAC01 CIT-LP2203F180LXAC01 Datasheet
271Kb / 3P
CIT SWITCH
LP2203F180LXAC011 CIT-LP2203F180LXAC011 Datasheet
271Kb / 3P
CIT SWITCH
LP2203F180LXAC012 CIT-LP2203F180LXAC012 Datasheet
271Kb / 3P
CIT SWITCH
LP2203F180LXAC013 CIT-LP2203F180LXAC013 Datasheet
271Kb / 3P
CIT SWITCH
More results

Similar Description - LP2203-30/33U6F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9185 RICHTEK-RT9185 Datasheet
184Kb / 14P
Triple, Ultra-Fast CMOS LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
Dual Channel 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
Dual 200mA CMOS LDO Voltage Regulator
logo
Lowpower Semiconductor ...
LP2201 POWER-LP2201 Datasheet
400Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2202 POWER-LP2202 Datasheet
389Kb / 8P
250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com