Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3550 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 4 Page - Microchip Technology

  MCP3550 Datasheet HTML 1Page - Microchip Technology MCP3550 Datasheet HTML 2Page - Microchip Technology MCP3550 Datasheet HTML 3Page - Microchip Technology MCP3550 Datasheet HTML 4Page - Microchip Technology MCP3550 Datasheet HTML 5Page - Microchip Technology MCP3550 Datasheet HTML 6Page - Microchip Technology MCP3550 Datasheet HTML 7Page - Microchip Technology MCP3550 Datasheet HTML 8Page - Microchip Technology MCP3550 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MCP3550/1/3
DS21950E-page 4
© 2009 Microchip Technology Inc.
Rejection Performance(1,6)
Common Mode DC Rejection
—
-135
—
dB
VCM range from 0 to VDD
Power Supply DC Rejection
—
-115
—
dB
Common Mode 50/60 Hz Rejection
CMRR
—
-135
—
dB
VCM varies from 0V to VDD
Power Supply 50/60 Hz Rejection
PSRR
—
-85
—
dB
MCP3551 only, VDD varies from
4.5V to 5.5V
Power Supply 50/60 Hz Rejection
PSRR
—
-120
—
dB
MCP3550-50 or MCP3550-60 only
at 50 or 60 Hz respectively, VDD
varies from 4.5V to 5.5V
Normal Mode 50 and 60 Hz
Rejection
NMRR
—
-85
—
dB
MCP3551 only,
0 < VCM < VDD,
-VREF < VIN = (VIN + -VIN-) < +VREF
Normal Mode 50 or 60 Hz
Rejection
NMRR
—
-120
—
dB
MCP3550-50 or MCP3550-60 only
at 50 or 60 Hz respectively,
0 < VCM < VDD,
-VREF < VIN = (VIN + -VIN-) < +VREF
Analog Inputs
Differential Input Range
VIN+ − VIN-
-VREF
—+VREF
V
Absolute/Common Mode Voltages
VSS - 0.3
—
VDD + 0.3
V
Analog Input Sampling Capacitor
—
10
—
pF
Note 5
Differential Input Impedance
—
2.4
—
MΩ
Shutdown Mode Leakage Current
—
1
—
nA
VIN+ = VIN- = VDD; CS = VDD
(Note 3)
Reference Input
Voltage Range
0.1
—
V
DD
V
Reference Input Sampling
Capacitor
—15
—
pF
Note 5
Reference Input Impedance
—
2.4
—
MΩ
Note 4
Shutdown Mode Reference
Leakage Current
—1
—
nA
VIN+ = VIN- = VSS; CS = VDD
Power Requirements
Power Supply Voltage Range
VDD
2.7
—
5.5
V
MCP3550-50, MCP3551 Supply
Current
IDD
—
120
170
µA
VDD = 5V
—100
—
µA
VDD = 2.7V
MCP3550-60, MCP3553 Supply
Current
IDD
—
140
185
µA
VDD = 5V
—120
—
µA
VDD = 2.7V
Supply Current, Sleep Mode
IDDSL
—10
µA
Supply Current, Shutdown Mode
IDDS
——
1
µA
CS = SCK = VDD
Serial Interface
Voltage Input High (CS, SCK)
VIH
0.7 VDD
——
V
Voltage Input Low (CS, SCK)
VIL
——
0.4
V
Voltage Output High (SDO/RDY)VOH
VDD - 0.5
—
—
V
VOH = 1 mA, VDD = 5.0V
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at -40°C
≤ TA ≤ +85°C, VDD = 2.7V or 5.0V.
VREF = 2.5V. VIN+ = VIN- = VCM = VREF/2. All ppm units use 2*VREF as full scale range. Unless otherwise noted, specification
applies to entire MCP3550/1/3 family.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is established by characterization and not 100% tested.
2:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
3:
This current is due to the leakage current and the current due to the offset voltage between VIN+ and VIN-.
4:
Input impedance is inversely proportional to clock frequency; typical values are for the MCP3550/1 device. VREF =5V.
5:
Characterized by design, but not tested.
6:
Rejection performance depends on internal oscillator accuracy; see Section 4.0 “Device Overview” for more informa-
tion on oscillator and digital filter design. MCP3550/1 device rejection specifications characterized from 49 to 61 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com