Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3550 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP3550 Datasheet HTML 5Page - Microchip Technology MCP3550 Datasheet HTML 6Page - Microchip Technology MCP3550 Datasheet HTML 7Page - Microchip Technology MCP3550 Datasheet HTML 8Page - Microchip Technology MCP3550 Datasheet HTML 9Page - Microchip Technology MCP3550 Datasheet HTML 10Page - Microchip Technology MCP3550 Datasheet HTML 11Page - Microchip Technology MCP3550 Datasheet HTML 12Page - Microchip Technology MCP3550 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 9
MCP3550/1/3
Note: Unless otherwise specified, TA = +25°C, VDD = 5V, VREF = 2.5V, VSS = 0V, VCM = VREF/2, VIN+ = VIN-.
All ppm units are ratioed against 2*VREF . Unless otherwise noted, graphs apply to entire MCP3550/1/3 family.
FIGURE 2-13:
Full Scale Error vs. VDD .
FIGURE 2-14:
Full Scale Error vs.
Temperature.
FIGURE 2-15:
Full Scale Error vs.
Temperature (VREF = 5.0V).
FIGURE 2-16:
MCP3550/1 Output Noise
Histogram.
FIGURE 2-17:
MCP3553 Output Noise
Histogram.
FIGURE 2-18:
Total Unadjusted Error
(TUE) vs. Input Voltage (VDD = 2.7V).
-5
-4
-3
-2
-1
0
1
2
3
4
5
2.53
3.54
4.55
5.5
VDD (V)
Positive Full Scale
Negative Full Scale
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
25
50
75
100
125
Temperature (°C)
Positive Full Scale
Negative Full Scale
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50
-25
0
255075
100
125
Temperature (°C)
Positive Full Scale
Negative Full Scale
0
500
1000
1500
2000
2500
3000
3500
4000
-15
-10
-5
0
5
10
15
Output Code (LSB)
VDD = 5V
VREF = 2.5V
VCM = 1.25V
VIN = 0V
TA = 25C
16384
consecutiv
e readings
0
200
400
600
800
1000
1200
1400
1600
1800
-15
-10
-5
0
5
10
15
Output Code (LSB)
VDD = 5V
VREF = 2.5V
VCM = 1.25V
VIN = 0V
TA = 25°C
16384
consecutive
readings
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
-2.5 -2.0 -1.5 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5
VIN (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com