Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3550 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3550 Datasheet HTML 9Page - Microchip Technology MCP3550 Datasheet HTML 10Page - Microchip Technology MCP3550 Datasheet HTML 11Page - Microchip Technology MCP3550 Datasheet HTML 12Page - Microchip Technology MCP3550 Datasheet HTML 13Page - Microchip Technology MCP3550 Datasheet HTML 14Page - Microchip Technology MCP3550 Datasheet HTML 15Page - Microchip Technology MCP3550 Datasheet HTML 16Page - Microchip Technology MCP3550 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 13
MCP3550/1/3
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Voltage Reference (VREF)
The MCP3550/1/3 devices accept single-ended
reference voltages from 0.1V to VDD. Since the
converter output noise is dominated by thermal noise,
which is independent of the reference voltage, the
output noise is not significantly improved by
diminishing the reference voltage at the VREF input pin.
A reduced voltage reference will significantly improve
the INL performance (see Figure 2-4); the INL max
error is proportional to VREF2.
3.2
Analog Inputs (VIN+, VIN-)
The MCP3550/1/3 devices accept a fully differential
analog input voltage to be connected on the VIN+ and
VIN- input pins. The differential voltage that is
converted is defined by VIN = VIN+ – VIN-. The
differential voltage range specified for ensured
accuracy is from -VREF to +VREF. However, the
converter will still output valid and usable codes with
the inputs overranged by up to 12% (see Section 5.0
“Serial Interface”) at room temperature. This
overrange is clearly specified by two overload bits in
the output code.
The absolute voltage range on these input pins extends
from VSS – 0.3V to VDD + 0.3V. Any voltage above or
below this range will create leakage currents through
the Electrostatic Discharge (ESD) diodes. This current
will increase exponentially, degrading the accuracy and
noise performance of the device. The common mode of
the analog inputs should be chosen such that both the
differential analog input range and the absolute voltage
range on each pin are within the specified operating
range
defined
in
Section 1.0
“Electrical
Characteristics”.
3.3
Supply Voltage (VDD, VSS)
VDD is the power supply pin for the analog and digital
circuitry within the MCP3550/1/3. This pin requires an
appropriate bypass capacitor of 0.1 µF. The voltage on
this pin should be maintained in the 2.7V to 5.5V range
for specified operation. VSS is the ground pin and the
current return path for both analog and digital circuitry
of the MCP3550/1/3. If an analog ground plane is
available, it is recommended that this device be tied to
the analog ground plane of the Printed Circuit Board
(PCB).
3.4
Serial Clock (SCK)
SCK synchronizes data communication with the
device. The device operates in both SPI mode 1,1 and
SPI mode 0,0. Data is shifted out of the device on the
falling edge of SCK. Data is latched in on the rising
edge of SCK. During CS high times, the SCK pin can
idle either high or low.
3.5
Data Output (SDO/RDY)
SDO/RDY is the output data pin for the device. Once a
conversion is complete, this pin will go active-low,
acting as a ready flag. Subsequent falling clock edges
will then place the 24-bit data word (two overflow bits
and 22 bits of data, see Section 5.0 “Serial
Interface”) on the SPI bus through the SDO pin. Data
is clocked out on the falling edge of SCK.
MCP3550/1/3
Symbol
I/O/P
Description
MSOP, SOIC
1VREF
I
Reference Voltage Analog Input Pin
2VIN+
I
Non-inverting Analog Input Pin
3VIN-
I
Inverting Analog Input Pin
4VSS
P
Ground Pin
5
SCK
I
Serial Clock Digital Input Pin
6
SDO/RDY
O
Data/Ready Digital Output Pin
7CS
I
Chip Select Digital Input Pin
8VDD
P
Positive Supply Voltage Pin
Type Identification: I = Input; O = Output; P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com