Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3550 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP3550
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3550 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP3550 Datasheet HTML 14Page - Microchip Technology MCP3550 Datasheet HTML 15Page - Microchip Technology MCP3550 Datasheet HTML 16Page - Microchip Technology MCP3550 Datasheet HTML 17Page - Microchip Technology MCP3550 Datasheet HTML 18Page - Microchip Technology MCP3550 Datasheet HTML 19Page - Microchip Technology MCP3550 Datasheet HTML 20Page - Microchip Technology MCP3550 Datasheet HTML 21Page - Microchip Technology MCP3550 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
MCP3550/1/3
DS21950E-page 18
© 2009 Microchip Technology Inc.
4.4
Differential Analog Inputs
The MCP3550/1/3 devices accept a fully differential
analog input voltage to be connected to the VIN+ and
VIN- input pins. The differential voltage that is converted
is defined by VIN = VIN+ – VIN-. The differential voltage
range specified for ensured accuracy is from -VREF to
+VREF.
The converter will output valid and usable codes from
-112% to 112% of output range (see Section 5.0
“Serial Interface”) at room temperature. The ±12%
overrange is clearly specified by two overload bits in
the output code: OVH and OVL. This feature allows for
system calibration of a positive gain error.
The absolute voltage range on these input pins extends
from VSS - 0.3V to VDD + 0.3V. If the input voltages are
above or below this range, the leakage currents of the
ESD diodes will increase exponentially, degrading the
accuracy and noise performance of the converter. The
common mode of the analog inputs should be chosen
such that both the differential analog input range and
absolute voltage range on each pin are within the
specified operating range defined in Section 1.0
“Electrical Characteristics”.
Both the analog differential inputs and the reference
input have switched-capacitor input structures. The
input
capacitors
are
charged
and
discharged
alternatively with the input and the reference in order to
process a conversion. The charge and discharge of the
input capacitors create dynamic input currents at the
VIN+ and VIN- input pins inversely proportional to the
sampling capacitor. This current is a function of the
differential input voltages and their respective common
modes. The typical value of the differential input
impedance is 2.4 MΩ, with VCM = 2.5V, VDD = VREF =
5V. The DC leakage current caused by the ESD input
diodes, even though on the order of 1 nA, can cause
additional offset errors proportional to the source
resistance at the VIN+ and VIN- input pins.
From a transient response standpoint and as a first-
order approximation, these input structures form a
simple RC filtering circuit with the source impedance in
series with the RON (switched resistance when closed)
of the input switch and the sampling capacitor. In order
to ensure the accuracy of the sampled charge, proper
settling time of the input circuit has to be considered.
Slow settling of the input circuit will create additional
gain error. As a rule of thumb, in order to obtain 1 ppm
absolute measurement accuracy, the sampling period
must be 14 times greater than the input circuit RC time
constant.
4.5
Voltage Reference Input Pin
The MCP3550/1/3 devices accept a single-ended
external reference voltage, to be connected on the
VREF input pin. Internally, the reference voltage for the
ADC is a differential voltage with the non-inverting input
connected to the VREF pin and the inverting input
connected to the VSS pin. The value of the reference
voltage is VREF - VSS and the common mode of the
reference is always (VREF - VSS)/2.
The MCP3550/1/3 devices accept a single-ended
reference voltage from 0.1V to VDD. The converter
output noise is dominated by thermal noise that is
independent of the reference voltage. Therefore, the
output noise is not significantly improved by lowering
the reference voltage at the VREF input pin. However, a
reduced reference voltage will significantly improve the
INL performance since the INL max error is
proportional to VREF2 (see Figure 2-4).
The charge and discharge of the input capacitor create
dynamic input currents at the VREF input pin inversely
proportional to the sampling capacitor, which is a func-
tion of the input reference voltage. The typical value of
the single-ended input impedance is 2.4 MΩ, with
VDD =VREF = 5V. The DC leakage current caused by
the ESD input diodes, though on the order of 1 nA
typically, can cause additional gain error proportional to
the source resistance at the VREF pin.
4.6
Power-On Reset (POR)
The MCP3550/1/3 devices contain an internal Power-
On Reset (POR) circuit that monitors power supply
voltage VDD during operation. This circuit ensures
correct device start-up at system power-up and power-
down events. The POR has built-in hysteresis and a
timer to give a high degree of immunity to potential
ripple and noise on the power supplies, as well as to
allow proper settling of the power supply during power-
up. A 0.1 µF decoupling capacitor should be mounted
as close as possible to the VDD pin, providing additional
transient immunity.
The threshold voltage is set at 2.2V, with a tolerance of
approximately ±5%. If the supply voltage falls below
this threshold, the MCP3550/1/3 devices will be held in
a reset condition or in Shutdown mode. When the part
is in Shutdown mode, the power consumption is less
than 1 µA. The typical hysteresis value is around
200 mV in order to prevent reset during brown-out or
other glitches on the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com