Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1631-E/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1631-E/ST
Description  High-Speed, Pulse Width Modulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1631-E/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP1631-E/ST Datasheet HTML 1Page - Microchip Technology MCP1631-E/ST Datasheet HTML 2Page - Microchip Technology MCP1631-E/ST Datasheet HTML 3Page - Microchip Technology MCP1631-E/ST Datasheet HTML 4Page - Microchip Technology MCP1631-E/ST Datasheet HTML 5Page - Microchip Technology MCP1631-E/ST Datasheet HTML 6Page - Microchip Technology MCP1631-E/ST Datasheet HTML 7Page - Microchip Technology MCP1631-E/ST Datasheet HTML 8Page - Microchip Technology MCP1631-E/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2008 Microchip Technology Inc.
DS22063B-page 1
MCP1631/HV/MCP1631V/VHV
Features
• Programmable Switching Battery Charger
Designs
• High-Speed Analog PWM Controller
(2 MHz Operation)
• Combine with Microcontroller for “Intelligent”
Power System Development
• Peak Current Mode Control (MCP1631)
• Voltage Mode Control (MCP1631V)
• High Voltage Options Operate to +16V Input:
- MCP1631HV Current Mode
- MCP1631VHV Voltage Mode
• Regulated Output Voltage Options:
-
+5.0V or +3.3V
-
250 mA maximum current
• External Oscillator Input sets Switching
Frequency and Maximum Duty Cycle Limit
• External Reference Input Sets Regulation Voltage
or Current
• Error Amplifier, Battery Current ISNS Amplifier,
Battery Voltage VSNS Amplifier Integrated
• Integrated Overvoltage Comparator
• Integrated High Current Low Side MOSFET
Driver (1A Peak)
• Shutdown mode reduces IQ to 2.4 µA (typical)
• Internal Overtemperature Protection
• Undervoltage Lockout (UVLO)
• Package Options:
- 4 mm x 4 mm 20-Lead QFN
(MCP1631/MCP1631V only)
- 20-Lead TSSOP (All Devices)
- 20-Lead SSOP (All Devices)
Applications
• High Input Voltage Programmable Switching
Battery Chargers
• Supports Multiple Chemistries Li-Ion, NiMH, NiCd
Intelligent and Pb-Acid
• LED Lighting Applications
• Constant Current SEPIC Power Train Design
• USB Input Programmable Switching Battery
Chargers
General Description
The MCP1631/MCP1631V is a high-speed
analog pulse width modulator (PWM) used to develop
intelligent power systems. When combined with a
microcontroller, the MCP1631/MCP1631V will control
the power system duty cycle providing output voltage
or current regulation. The microcontroller can be used
to adjust output voltage or current, switching frequency
and maximum duty cycle while providing additional
features making the power system more intelligent,
robust and adaptable.
Typical applications for the MCP1631/MCP1631V
include programmable switch mode battery chargers
capable of charging multiple chemistries, like Li-Ion,
NiMH, NiCd and Pb-Acid configured as single or
multiple cells. By combining with a small
microcontroller, intelligent LED lighting designs and
programmable SEPIC topology voltage and current
sources can also be developed.
The MCP1631/MCP1631V inputs were developed to
be attached to the I/O pins of a microcontroller for
design flexibility. Additional features integrated into the
MCP1631HV/MCP1631VHV provide signal condition-
ing and protection features for battery charger or
constant current source applications.
For applications that operate from a high voltage input,
the MCP1631HV and MCP1631VHV device options
can be used to operate directly from a +3.5V to +16V
input. For these applications, an additional low drop out
+5V or +3.3V regulated output is available and can
provide current up to 250 mA to power a microcontroller
and auxiliary circuits.
High-Speed, Pulse Width Modulator


Similar Part No. - MCP1631-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16311 MICROCHIP-MCP16311 Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311 MICROCHIP-MCP16311 Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
MCP16311-E/MNY MICROCHIP-MCP16311-E/MNY Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
954Kb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
03/25/14
MCP16311-E/MS MICROCHIP-MCP16311-E/MS Datasheet
1Mb / 40P
30V Input, 1A Output, High-Efficiency, Integrated Synchronous Switch Step-Down Regulator
Revision C July 2019
More results

Similar Description - MCP1631-E/ST

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV.0
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_05 Datasheet
353Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2005
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com