Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/MF Datasheet(PDF) 23 Page - Microchip Technology

Part # MCP652-E/MF
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/MF Datasheet(HTML) 23 Page - Microchip Technology

Back Button MCP652-E/MF Datasheet HTML 19Page - Microchip Technology MCP652-E/MF Datasheet HTML 20Page - Microchip Technology MCP652-E/MF Datasheet HTML 21Page - Microchip Technology MCP652-E/MF Datasheet HTML 22Page - Microchip Technology MCP652-E/MF Datasheet HTML 23Page - Microchip Technology MCP652-E/MF Datasheet HTML 24Page - Microchip Technology MCP652-E/MF Datasheet HTML 25Page - Microchip Technology MCP652-E/MF Datasheet HTML 26Page - Microchip Technology MCP652-E/MF Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 23
MCP651/2/5
4.2.3
NORMAL OPERATION
The input stage of the MCP651/2/5 op amps uses a dif-
ferential PMOS input stage. It operates at low common
mode input voltage (VCM), with VCM up to VDD –1.3V
and down to VSS – 0.3V. The input offset voltage (VOS)
is measured at VCM =VSS – 0.3V and VDD –1.3V to
ensure
proper
operation.
See
Figure 2-6
and
Figure 2-7 for temperature effects.
When operating at very low non-inverting gains, the
output voltage is limited at the top by the VCM range
(< VDD –1.3V); see Figure 4-5
FIGURE 4-5:
Unity Gain Voltage
Limitations for Linear Operation.
4.3
Rail-to-Rail Output
4.3.0.1
Maximum Output Voltage
The Maximum Output Voltage (see Figure 2-16 and
Figure 2-17) describes the output range for a given
load. For instance, the output voltage swings to within
15 mV of the negative rail with a 1 k
Ω load tied to
VDD/2.
4.3.0.2
Output Current
Figure 4-6 shows the possible combinations of output
voltage (VOUT) and output current (IOUT). IOUT is
positive when it flows out of the op amp into the
external circuit.
FIGURE 4-6:
Output Current.
4.3.0.3
Power Dissipation
Since the output short circuit current (ISC) is specified
at ±100 mA (typical), these op amps are capable of
both delivering and dissipating significant power. Two
common loads, and their impact on the op amp’s power
dissipation, will be discussed.
Figure 4-7 shows a resistive load (RL) with a DC output
voltage (VOUT). VL is RL’s ground point, VSS is usually
ground (0V) and IOUT is the output current. The input
currents are assumed to be negligible.
FIGURE 4-7:
Diagram for Resistive Load
Power Calculations.
The DC currents are:
EQUATION 4-1:
The DC op amp power is:
EQUATION 4-2:
The maximum op amp power, for resistive loads at DC,
occurs when VOUT is halfway between VDD and VL or
halfway between VSS and VL:
EQUATION 4-3:
VIN
MCP65X
VDD
VOUT
VSS V
<
IN V
,
OUT
VDD 1.3V
–
≤
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
IOUT (mA)
RL = 10Ω
RL = 100Ω
RL = 1 kΩ
VOH Limited
VOL Limited
(VDD = 5.5V)
MCP65X
VDD
VOUT
RL
VL
IDD
ISS
IOUT
VSS
IOUT
VOUT VL
–
RL
--------------------------
=
IDD IQ max 0 IOUT
,
()
+
≈
ISS
I
– Q min 0 IOUT
,
()
+
≈
Where:
IQ = Quiescent supply current for one
op amp (mA/amplifier)
VOUT = A DC value (V)
POA
IDD VDD VOUT
–
() I
SS VSS
VOUT
–
()
+
=
max POA
()
IDD VDD VSS
–
()
=
max
2 V
DD
VL
–
VL VSS
–
,
()
4RL
------------------------------------------------------------------
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com