Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/MF Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP652-E/MF
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/MF Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP652-E/MF Datasheet HTML 15Page - Microchip Technology MCP652-E/MF Datasheet HTML 16Page - Microchip Technology MCP652-E/MF Datasheet HTML 17Page - Microchip Technology MCP652-E/MF Datasheet HTML 18Page - Microchip Technology MCP652-E/MF Datasheet HTML 19Page - Microchip Technology MCP652-E/MF Datasheet HTML 20Page - Microchip Technology MCP652-E/MF Datasheet HTML 21Page - Microchip Technology MCP652-E/MF Datasheet HTML 22Page - Microchip Technology MCP652-E/MF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 19
MCP651/2/5
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The analog output pins (VOUT) are low-impedance
voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs (VIN+, VIN–, …)
are high-impedance CMOS inputs with low bias
currents.
3.3
Power Supply Pins
The positive power supply (VDD) is 2.5V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
3.4
Calibration Common Mode
Voltage Input
A low impedance voltage placed at this input (VCAL)
analog input will set the op amps’ common mode input
voltage during calibration. If this pin is left open, the
common mode input voltage during calibration is
approximately VDD/3. The internal resistor divider is
disconnected from the supplies whenever the part is
not in calibration.
3.5
Calibrate/Chip Select Digital Input
This input (CAL/CS, …) is a CMOS, Schmitt-triggered
input that affects the calibration and low power modes
of operation. When this pin goes high, the part is placed
into a low power mode and the output is high-Z. When
this pin goes low, a calibration sequence is started
(which corrects VOS). At the end of the calibration
sequence, the output becomes low impedance and the
part resumes normal operation.
An internal POR triggers a calibration event when the
part is powered on, or when the supply voltage drops
too low. Thus, the MCP652 parts are calibrated, even
though they do not have a CAL/CS pin.
3.6
Exposed Thermal Pad (EP)
There is an internal connection between the Exposed
Thermal Pad (EP) and the VSS pin; they must be con-
nected to the same potential on the Printed Circuit
Board (PCB).
This pad can be connected to a PCB ground plane to
provide a larger heat sink. This improves the package
thermal resistance (
θJA).
MCP651
MCP652
MCP655
Symbol
Description
SOIC
SOIC
DFN
MSOP
DFN
61
1
1
1
VOUT, VOUTA
Output (op amp A)
22
2
2
2
VIN–, VINA–
Inverting Input (op amp A)
33
3
3
3
VIN+, VINA+
Non-inverting Input (op amp A)
44
4
4
4
VSS
Negative Power Supply
8—
—
5
5
CAL/CS, CALA/CSA
Calibrate/Chip Select Digital Input (op amp A)
——
—
6
6
CALB/CSB
Calibrate/Chip Select Digital Input (op amp B)
—5
5
7
7
VINB+
Non-inverting Input (op amp B)
—6
6
8
8
VINB–
Inverting Input (op amp B)
—7
7
9
9
VOUTB
Output (op amp B)
78
8
10
10
VDD
Positive Power Supply
5—
—
—
—
VCAL
Calibration Common Mode Voltage Input
1
—
—
—
—
NC
No Internal Connection
—
—
9
—
11
EP
Exposed Thermal Pad (EP);
must be connected to VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com