Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/MF Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP652-E/MF
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/MF Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP652-E/MF Datasheet HTML 7Page - Microchip Technology MCP652-E/MF Datasheet HTML 8Page - Microchip Technology MCP652-E/MF Datasheet HTML 9Page - Microchip Technology MCP652-E/MF Datasheet HTML 10Page - Microchip Technology MCP652-E/MF Datasheet HTML 11Page - Microchip Technology MCP652-E/MF Datasheet HTML 12Page - Microchip Technology MCP652-E/MF Datasheet HTML 13Page - Microchip Technology MCP652-E/MF Datasheet HTML 14Page - Microchip Technology MCP652-E/MF Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 11
MCP651/2/5
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
FIGURE 2-22:
Normalized Internal
Calibration Voltage.
FIGURE 2-23:
VCAL Input Resistance vs.
Temperature.
0%
5%
10%
15%
20%
25%
30%
Normalized Internal Calibration Voltage;
VCAL/VDD
144 Samples
VDD = 2.5V and 5.5V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com