Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/MF Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP652-E/MF
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/MF Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP652-E/MF Datasheet HTML 21Page - Microchip Technology MCP652-E/MF Datasheet HTML 22Page - Microchip Technology MCP652-E/MF Datasheet HTML 23Page - Microchip Technology MCP652-E/MF Datasheet HTML 24Page - Microchip Technology MCP652-E/MF Datasheet HTML 25Page - Microchip Technology MCP652-E/MF Datasheet HTML 26Page - Microchip Technology MCP652-E/MF Datasheet HTML 27Page - Microchip Technology MCP652-E/MF Datasheet HTML 28Page - Microchip Technology MCP652-E/MF Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 25
MCP651/2/5
4.4
Improving Stability
4.4.1
CAPACITIVE LOADS
Driving large capacitive loads can cause stability
problems for voltage feedback op amps. As the load
capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response, with overshoot and ringing in the step
response. See Figure 2-30. A unity gain buffer (G = +1)
is the most sensitive to capacitive loads, though all
gains show the same general behavior.
When driving large capacitive loads with these op
amps (e.g., > 20 pF when G = +1), a small series
resistor at the output (RISO in Figure 4-9) improves the
feedback loop’s phase margin (stability) by making the
output load resistive at higher frequencies. The
bandwidth will be generally lower than the bandwidth
with no capacitive load.
FIGURE 4-9:
Output Resistor, RISO
Stabilizes Large Capacitive Loads.
Figure 4-10 gives recommended RISO values for
different capacitive loads and gains. The x-axis is the
normalized load capacitance (CL/GN), where GN is the
circuit’s noise gain. For non-inverting gains, GN and the
Signal Gain are equal. For inverting gains, GN is
1+|Signal Gain| (e.g., -1 V/V gives GN =+2V/V).
FIGURE 4-10:
Recommended RISO Values
for Capacitive Loads.
After selecting RISO for your circuit, double check the
resulting frequency response peaking and step
response overshoot. Modify RISO’s value until the
response is reasonable. Bench evaluation and
simulations with the MCP651/2/5 SPICE macro model
are helpful.
4.4.2
GAIN PEAKING
Figure 4-11 shows an op amp circuit that represents
non-inverting amplifiers (VM is a DC voltage and VP is
the input) or inverting amplifiers (VP is a DC voltage
and VM is the input). The capacitances CN and CG
represent the total capacitance at the input pins; they
include the op amp’s common mode input capacitance
(CCM), board parasitic capacitance and any capacitor
placed in parallel.
FIGURE 4-11:
Amplifier with Parasitic
Capacitance.
CG acts in parallel with RG (except for a gain of +1 V/V),
which causes an increase in gain at high frequencies.
CG also reduces the phase margin of the feedback
loop, which becomes less stable. This effect can be
reduced by either reducing CG or RF.
CN and RN form a low-pass filter that affects the signal
at VP. This filter has a single real pole at 1/(2πRNCN).
The largest value of RF that should be used depends
on noise gain (see GN in Section 4.4.1 “Capacitive
Loads”) and CG. Figure 4-12 shows the maximum
recommended RF for several CG values.
FIGURE 4-12:
Maximum Recommended
RF vs. Gain.
Figure 2-37 and Figure 2-38 show the small signal and
large signal step responses at G = +1 V/V. The unity
gain buffer usually has RF =0Ω and RG open.
Figure 2-39 and Figure 2-40 show the small signal and
large signal step responses at G = -1 V/V. Since the
noise gain is 2 V/V and CG ≈ 10 pF, the resistors were
chosen to be RF =RG = 499Ω and RN =249Ω.
RISO
VOUT
CL
MCP65X
RG
RF
RN
1
10
100
1.E-11
1.E-10
1.E-09
1.E-08
Normalized Capacitance; CL/GN (F)
GN = +1
GN ≥ +2
10p
100p
1n
10n
VP
RF
VOUT
MCP65X
RN
CN
VM
RG
CG
1.E+02
1.E+03
1.E+04
1.E+05
110
100
Noise Gain; GN (V/V)
GN > +1 V/V
100
10k
100k
1k
CG = 10 pF
CG = 32 pF
CG = 100 pF
CG = 320 pF
CG = 1 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com