Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/UN Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP652-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/UN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP652-E/UN Datasheet HTML 17Page - Microchip Technology MCP652-E/UN Datasheet HTML 18Page - Microchip Technology MCP652-E/UN Datasheet HTML 19Page - Microchip Technology MCP652-E/UN Datasheet HTML 20Page - Microchip Technology MCP652-E/UN Datasheet HTML 21Page - Microchip Technology MCP652-E/UN Datasheet HTML 22Page - Microchip Technology MCP652-E/UN Datasheet HTML 23Page - Microchip Technology MCP652-E/UN Datasheet HTML 24Page - Microchip Technology MCP652-E/UN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 21
MCP651/2/5
4.0
APPLICATIONS
The MCP651/2/5 family of self-zeroed op amps is man-
ufactured using Microchip’s state of the art CMOS
process. It is designed for low cost, low power and high
precision applications. Its low supply voltage, low
quiescent current and wide bandwidth makes the
MCP651/2/5 ideal for battery-powered applications.
4.1
Calibration and Chip Select
These op amps include circuitry for dynamic calibration
of the offset voltage (VOS).
4.1.1
mCal CALIBRATION CIRCUITRY
The internal mCal circuitry, when activated, starts a
delay timer (to wait for the op amp to settle to its new
bias point), then calibrates the input offset voltage
(VOS). The mCal circuitry is triggered at power-up (and
after some power brown out events) by the internal
POR, and by the memory’s Parity Detector. The power
up time, when the mCal circuitry triggers the calibration
sequence, is 200 ms (typical).
4.1.2
CAL/CS PIN
The CAL/CS pin gives the user a means to externally
demand a low power mode of operation, then to
calibrate VOS. Using the CAL/CS pin makes it possible
to correct VOS as it drifts over time (1/f noise and aging;
see Figure 2-35) and across temperature.
The CAL/CS pin performs two functions: it places the
op amp(s) in a low power mode when it is held high,
and starts a calibration event (correction of VOS) after a
rising edge.
While in the low power mode, the quiescent current is
quite small (ISS = -3 µA, typical). The output is also is in
a High-Z state.
During the calibration event, the quiescent current is
near, but smaller than, the specified quiescent current
(6 mA, typical). The output continues in the High-Z
state, and the inputs are disconnected from the
external circuit, to prevent internal signals from
affecting circuit operation. The op amp inputs are inter-
nally connected to a common mode voltage buffer and
feedback resistors. The offset is corrected (using a
digital state machine, logic and memory), and the
calibration constants are stored in memory.
Once the calibration event is completed, the amplifier is
reconnected to the external circuitry. The turn on time,
when calibration is started with the CAL/CS pin, is 3 ms
(typical).
There is an internal 5 M
Ω pull-down resistor tied to the
CAL/CS pin. If the CAL/CS pin is left floating, the ampli-
fier operates normally.
4.1.3
INTERNAL POR
This part includes an internal Power On Reset (POR)
to protect the internal calibration memory cells. The
POR monitors the power supply voltage (VDD). When
the POR detects a low VDD event, it places the part into
the low power mode of operation. When the POR
detects a normal VDD event, it starts a delay counter,
then triggers an calibration event. The additional delay
gives a total POR turn on time of 200 ms (typical); this
is also the power up time (since the POR is triggered at
power up).
4.1.4
PARITY DETECTOR
A parity error detector monitors the memory contents
for any corruption. In the rare event that a parity error is
detected (e.g., corruption from an alpha particle), a
POR event is automatically triggered. This will cause
the input offset voltage to be re-corrected, and the op
amp will not return to normal operation for a period of
time (the POR turn on time, tPON).
4.1.5
CALIBRATION INPUT PIN
A VCAL pin is available in some options (e.g., the single
MCP651) for those applications that need the calibra-
tion to occur at an internally driven common mode
voltage other than VDD/3.
Figure 4-1 shows the reference circuit that internally
sets the op amp’s common mode reference voltage
(VCM_INT) during calibration (the resistors are discon-
nected from the supplies at other times). The 5 k
Ω
resistor provides over-current protection for the buffer.
FIGURE 4-1:
Common-Mode Reference’s
Input Circuitry.
When the VCAL pin is left open, the internal resistor
divider generates a VCM_INT of approximately VDD/3,
which is near the center of the input common mode
voltage range. It is recommended that an external
capacitor from VCAL to ground be added to improve
noise immunity.
When the VCAL pin is driven by an external voltage
source, which is within its specified range, the op amp
will have its input offset voltage calibrated at that com-
mon mode input voltage. Make sure that VCAL is within
its specified range.
To op amp during
VCAL
BUFFER
5k
Ω
300 k
Ω
150 k
Ω
VSS
VDD
calibration
VCM_INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com