Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/UN Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP652-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/UN Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP652-E/UN Datasheet HTML 8Page - Microchip Technology MCP652-E/UN Datasheet HTML 9Page - Microchip Technology MCP652-E/UN Datasheet HTML 10Page - Microchip Technology MCP652-E/UN Datasheet HTML 11Page - Microchip Technology MCP652-E/UN Datasheet HTML 12Page - Microchip Technology MCP652-E/UN Datasheet HTML 13Page - Microchip Technology MCP652-E/UN Datasheet HTML 14Page - Microchip Technology MCP652-E/UN Datasheet HTML 15Page - Microchip Technology MCP652-E/UN Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
MCP651/2/5
DS22146A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =1kΩ to VL, CL = 20 pF, and CAL/CS =VSS.
2.3
Frequency Response
FIGURE 2-24:
CMRR and PSRR vs.
Frequency.
FIGURE 2-25:
Open-Loop Gain vs.
Frequency.
FIGURE 2-26:
Gain Bandwidth Product
and Phase Margin vs. Ambient Temperature.
FIGURE 2-27:
Gain Bandwidth Product
and Phase Margin vs. Common Mode Input
Voltage.
FIGURE 2-28:
Gain Bandwidth Product
and Phase Margin vs. Output Voltage.
FIGURE 2-29:
Closed-Loop Output
Impedance vs. Frequency.
0
10
20
30
40
50
60
70
80
90
1.E+2
1.E+3
1.E+4
1.E+5
1.E+6
1.E+7
Frequency (Hz)
CMRR
PSRR+
PSRR-
100
1M
10k
10M
100k
1k
-20
0
20
40
60
80
100
120
1.E+1 1.E+2 1.E+3 1.E+4 1.E+5 1.E+6 1.E+7 1.E+8 1.E+9
Frequency (Hz)
-210
-180
-150
-120
-90
-60
-30
0
| AOL |
∠AOL
10
1k
100k
10M
1G
100
10k
1M
100M
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
10
20
30
40
50
60
70
PM
GBWP
VDD = 5.5V
VDD = 2.5V
30
40
50
60
70
80
90
Common Mode Input Voltage (V)
10
20
30
40
50
60
70
VDD = 5.5V
PM
VDD = 2.5V
GBWP
0
10
20
30
40
50
60
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
30
40
50
60
70
80
90
VDD = 5.5V
PM
VDD = 2.5V
GBWP
0.1
1
10
100
1000
1.0E+03 1.0E+04 1.0E+05 1.0E+06 1.0E+07 1.0E+08
Frequency (Hz)
1k
1M
10M
100M
10k
100k
G = 101 V/V
G = 11 V/V
G = 1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com