Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/UN Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP652-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/UN Datasheet(HTML) 5 Page - Microchip Technology

  MCP652-E/UN Datasheet HTML 1Page - Microchip Technology MCP652-E/UN Datasheet HTML 2Page - Microchip Technology MCP652-E/UN Datasheet HTML 3Page - Microchip Technology MCP652-E/UN Datasheet HTML 4Page - Microchip Technology MCP652-E/UN Datasheet HTML 5Page - Microchip Technology MCP652-E/UN Datasheet HTML 6Page - Microchip Technology MCP652-E/UN Datasheet HTML 7Page - Microchip Technology MCP652-E/UN Datasheet HTML 8Page - Microchip Technology MCP652-E/UN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
© 2009 Microchip Technology Inc.
DS22146A-page 5
MCP651/2/5
TABLE 1-3:
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = 25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT ≈ VDD/2, VL = VDD/2, RL = 1 kΩ to VL, CL = 20 pF and CAL/CS =VSS (refer to Figure 1-1 and Figure 1-2).
Parameters
Sym
Min
Typ
Max
Units
Conditions
CAL/CS Low Specifications
CAL/CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CAL/CS Input Current, Low
ICSL
—0—
nA
CAL/CS = 0V
CAL/CS High Specifications
CAL/CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CAL/CS Input Current, High
ICSH
—
0.7
—
µA
CAL/CS = VDD
GND Current
ISS
-3.5
-1.8
—
µA
Single, CAL/CS = VDD = 2.5V
ISS
-8
-4
—
µA
Single, CAL/CS = VDD = 5.5V
ISS
-5
-2.5
—
µA
Dual, CAL/CS = VDD = 2.5V
ISS
-10
-5
—
µA
Dual, CAL/CS = VDD = 5.5V
CAL/CS Internal Pull Down Resistor
RPD
—5—
M
Ω
Amplifier Output Leakage
IO(LEAK)
—
50
—
nA
CAL/CS = VDD
POR Dynamic Specifications
VDD Low to Amplifier Off Time
(output goes High-Z)
tPOFF
—
200
—
ns
G = +1 V/V, VL = VSS,
VDD = 2.5V to 0V step to VOUT = 0.1 (2.5V)
VDD High to Amplifier On Time
(including calibration)
tPON
100
200
300
ms
G = +1 V/V, VL = VSS,
VDD = 0V to 2.5V step to VOUT = 0.9 (2.5V)
CAL/CS Dynamic Specifications
CAL/CS Input Hysteresis
VHYST
—
0.25
—
V
CAL/CS Setup Time
(between CAL/CS edges)
tCSU
1—
—
µs
G = +1 V/V, VL = VSS (Notes 2, 3)
CAL/CS = 0.8VDD to VOUT = 0.1 (VDD/2)
CAL/CS High to Amplifier Off Time
(output goes High-Z)
tCOFF
—
200
—
ns
G = +1 V/V, VL = VSS,
CAL/CS = 0.8VDD to VOUT = 0.1 (VDD/2)
CAL/CS Low to Amplifier On Time
(including calibration)
tCON
—3
4
ms
G = +1 V/V, VL = VSS,
CAL/CS = 0.2VDD to VOUT = 0.9 (VDD/2)
Note 1:
The MCP652 has its CAL/CS input internally pulled down to VSS (0V).
2:
This time ensures that the internal logic recognizes the edge. However, for the rising edge case, if CAL/CS is raised
before the calibration is complete, the calibration will be aborted and the part will return to low power mode.
3:
For the MCP655 dual, there is an additional constraint. CALA/CSA and CALB/CSB can be toggled simultaneously
(within a time much smaller than tCSU) to make both op amps perform the same function simultaneously. If they are tog-
gled independently, then CALA/CSA (CALB/CSB) cannot be allowed to toggle while op amp B (op amp A) is in
calibration mode; allow more than the maximum tCON time (4 ms) before the other side is toggled.
TABLE 1-4:
TEMPERATURE SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, all limits are specified for: VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-3×3 DFN
θJA
—63—
°C/W
(Note 2)
Thermal Resistance, 8L-SOIC
θJA
—
163
—
°C/W
Note 1:
Operation must not cause TJ to exceed Maximum Junction Temperature specification (150°C).
2:
Measured on a standard JC51-7, four layer printed circuit board with ground plane and vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com