Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP652-E/UN Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP652-E/UN
Description  50 MHz, 6 mA Op Amps with mCal
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP652-E/UN Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP652-E/UN Datasheet HTML 20Page - Microchip Technology MCP652-E/UN Datasheet HTML 21Page - Microchip Technology MCP652-E/UN Datasheet HTML 22Page - Microchip Technology MCP652-E/UN Datasheet HTML 23Page - Microchip Technology MCP652-E/UN Datasheet HTML 24Page - Microchip Technology MCP652-E/UN Datasheet HTML 25Page - Microchip Technology MCP652-E/UN Datasheet HTML 26Page - Microchip Technology MCP652-E/UN Datasheet HTML 27Page - Microchip Technology MCP652-E/UN Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
MCP651/2/5
DS22146A-page 24
© 2009 Microchip Technology Inc.
Figure 4-7 shows a capacitive load (CL), which is
driven by a sine wave with DC offset. The capacitive
load causes the op amp to output higher currents at
higher frequencies. Because the output rectifies IOUT,
the op amp’s dissipated power increases (even though
the capacitor does not dissipate power).
FIGURE 4-8:
Diagram for Capacitive Load
Power Calculations.
The output voltage is assumed to be:
EQUATION 4-4:
The op amp’s currents are:
EQUATION 4-5:
The op amp’s instantaneous power, average power
and peak power are:
EQUATION 4-6:
The power dissipated in a package depends on the
powers dissipated by each op amp in that package:
EQUATION 4-7:
The maximum ambient to junction temperature rise
(
ΔTJA) and junction temperature (TJ) can be calculated
using the maximum expected package power (PPKG),
ambient temperature (TA) and the package thermal
resistance (
θJA) found in Table 1-4:
EQUATION 4-8:
The worst case power de-rating for the op amps in a
particular package can be easily calculated:
EQUATION 4-9:
Several techniques are available to reduce
ΔTJA for a
given package:
• Reduce
θJA
- Use another package
- Improve the PCB layout (ground plane, etc.)
- Add heat sinks and air flow
• Reduce max(PPKG)
- Increase RL
- Decrease CL
- Limit IOUT using RISO (see Figure 4-9)
- Decrease VDD
CL
MCP65X
VDD
VOUT
IDD
ISS
IOUT
VSS
VOUT
VDC VAC
ωt
()
sin
+
=
Where:
VDC =DC offset (V)
VAC = Peak output swing (VPK)
ω = Radian frequency (2π f) (rad/s)
IOUT
CL
dVOUT
dt
-----------------
⋅
VACωCL
ωt
()
cos
==
IDD IQ max 0 IOUT
,
()
+
≈
ISS
I
– Q min 0 IOUT
,
()
+
≈
Where:
IQ = Quiescent supply current for one
op amp (mA/amplifier)
POA
IDD VDD VOUT
–
() I
SS VSS
VOUT
–
()
+
=
ave POA
()
VDD VSS
–
() I
Q
4VAC fCL
π
------------------------
+
⎝⎠
⎛⎞
=
max POA
()
VDD VSS
–
() I
Q
2VAC fCL
+
()
=
PPKG
POA
k
1
=
n
∑
=
Where:
n = Number of op amps in package (1 or 2)
ΔT
JA
PPKGθJA
=
TJ
TA ΔTJA
+
=
PPKG
TJmax TA
–
θ
JA
--------------------------
≤
Where:
TJmax = Absolute maximum junction
temperature (°C)
TA = Ambient temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com