Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 17Page - Microchip Technology MCP40D17 Datasheet HTML 18Page - Microchip Technology MCP40D17 Datasheet HTML 19Page - Microchip Technology MCP40D17 Datasheet HTML 20Page - Microchip Technology MCP40D17 Datasheet HTML 21Page - Microchip Technology MCP40D17 Datasheet HTML 22Page - Microchip Technology MCP40D17 Datasheet HTML 23Page - Microchip Technology MCP40D17 Datasheet HTML 24Page - Microchip Technology MCP40D17 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 21
MCP40D17/18/19
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V.
FIGURE 2-45:
50 k
Ω : Full Scale Error
(FSE) vs. Temperature (VDD = 5.5V, 2.7V, 1.8V).
FIGURE 2-46:
50 k
Ω : Zero Scale Error
(ZSE) vs. Temperature (VDD = 5.5V, 2.7V, 1.8V).
FIGURE 2-47:
50 k
Ω : Nominal Resistance
(
Ω) vs. Temperature and V
DD.
FIGURE 2-48:
50 k
Ω : R
BW Tempco
ΔR
WB / ΔT vs. Code.
FIGURE 2-49:
50 k
Ω : Power-Up Wiper
Response Time.
FIGURE 2-50:
50 k
Ω : Digital Feedthrough
(SCL signal coupling to Wiper pin).
-0.16
-0.12
-0.08
-0.04
0.00
-40
0
40
80
120
Ambient Temperature (°C)
2.7
5.5V
1.8V
0.00
0.04
0.08
0.12
0.16
0.20
-40
0
40
80
120
Ambient Temperature (°C)
2.7
5.5V
1.8V
48800
49000
49200
49400
49600
49800
-40
0
40
80
120
Ambient Temperature (°C)
2.7V
5.5V
1.8V
0
20
40
60
80
100
0
326496
Wiper Setting (decimal)
2.7V
5.5V
Wiper
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com