Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 1 Page - Microchip Technology

  MCP40D17 Datasheet HTML 1Page - Microchip Technology MCP40D17 Datasheet HTML 2Page - Microchip Technology MCP40D17 Datasheet HTML 3Page - Microchip Technology MCP40D17 Datasheet HTML 4Page - Microchip Technology MCP40D17 Datasheet HTML 5Page - Microchip Technology MCP40D17 Datasheet HTML 6Page - Microchip Technology MCP40D17 Datasheet HTML 7Page - Microchip Technology MCP40D17 Datasheet HTML 8Page - Microchip Technology MCP40D17 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 1
MCP40D17/18/19
Features
• Potentiometer or Rheostat configuration options
• 7-bit: Resistor Network Resolution
-
127 Resistors (128 Steps)
• Zero Scale to Full Scale Wiper operation
•RAB Resistances: 5 kΩ, 10 kΩ, 50 kΩ, or 100 kΩ
• Low Wiper Resistance: 100
Ω (typical)
• Low Tempco:
- Absolute (Rheostat): 50 ppm typical
(0°C to 70°C)
- Ratiometric (Potentiometer): 15 ppm typical
•I2C Protocol
- Supports SMBus 2.0 Write Byte/Word
Protocol Formats
- Supports SMBus 2.0 Read Byte/Word
Protocol Formats
• Standard I2C Device Addresses:
- All devices offered with address “0101110”
- MCP40D18 also offered with address
“0111110”
• Brown-out reset protection (1.5V typical)
• Power-on Default Wiper Setting (Mid-scale)
• Low-Power Operation:
- 2.5 µA Static Current (typical)
• Wide Operating Voltage Range:
- 2.7V to 5.5V - Device Characteristics
Specified
- 1.8V to 5.5V - Device Operation
• Wide Bandwidth (-3 dB) Operation:
- 2 MHz (typical) for 5.0 k
Ω device
• Extended temperature range (-40°C to +125°C)
• Very small package (SC70)
• Lead free (Pb-free) package
Package Types
Applications
• PC Servers (I2C Protocol with Command Code)
• Amplifier Gain Control and Offset Adjustment
• Sensor Calibration (Pressure, Temperature,
Position, Optical and Chemical)
• Set point or offset trimming
• Cost-sensitive mechanical trim pot replacement
• RF Amplifier Biasing
• LCD Brightnes and Contract Adjustment
Device Features
MCP40D18
SC70-6
MCP40D19
SC70-5
Rheostat
4
1
2
3
5 W
SDA
VDD
VSS
SCL
4
1
2
3
6 A
SDA
VDD
VSS
SCL
5 W
A
W
W
A
B
B
Potentiometer
MCP40D17
SC70-6
4
1
2
3
6 W
SDA
VDD
VSS
SCL
5 B
A
W
B
Device
Wiper
Configuration
Resistance (typical)
VDD
Operating
Range (1)
Package
Options (k
Ω)
Wiper
(
Ω)
MCP40D17
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
75
1.8V to 5.5V
SC70-6
MCP40D18
I2C
128
Potentiometer
RAM
5.0, 10.0, 50.0, 100.0
75
1.8V to 5.5V
SC70-6
MCP40D19
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
75
1.8V to 5.5V
SC70-5
Note 1:
Analog characteristics only tested from 2.7V to 5.5V
7-Bit Single I2C™ (with Command Code) Digital POT
with Volatile Memory in SC70


Similar Part No. - MCP40D17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4011 MICROCHIP-MCP4011 Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/CH MICROCHIP-MCP4011-103E/CH Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MC MICROCHIP-MCP4011-103E/MC Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/MS MICROCHIP-MCP4011-103E/MS Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
MCP4011-103E/OT MICROCHIP-MCP4011-103E/OT Datasheet
3Mb / 60P
Low-Cost 64-Step Volatile Digital POT
2006
More results

Similar Description - MCP40D17

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP414X MICROCHIP-MCP414X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Non-Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP454X MICROCHIP-MCP454X_13 Datasheet
2Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
2008-2013
MCP47A1T-A0E-LT MICROCHIP-MCP47A1T-A0E-LT Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com