Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17 Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP40D17 Datasheet HTML 45Page - Microchip Technology MCP40D17 Datasheet HTML 46Page - Microchip Technology MCP40D17 Datasheet HTML 47Page - Microchip Technology MCP40D17 Datasheet HTML 48Page - Microchip Technology MCP40D17 Datasheet HTML 49Page - Microchip Technology MCP40D17 Datasheet HTML 50Page - Microchip Technology MCP40D17 Datasheet HTML 51Page - Microchip Technology MCP40D17 Datasheet HTML 52Page - Microchip Technology MCP40D17 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
© 2009 Microchip Technology Inc.
DS22152B-page 49
MCP40D17/18/19
8.0
APPLICATIONS EXAMPLES
Digital potentiometers have a multitude of practical
uses in modern electronic circuits. The most popular
uses
include
precision
calibration
of
set
point
thresholds, sensor trimming, LCD bias trimming, audio
attenuation, adjustable power supplies, motor control
overcurrent trip setting, adjustable gain amplifiers and
offset trimming. The MCP40D17/18/19 devices can be
used to replace the common mechanical trim pot in
applications where the operating and terminal voltages
are within CMOS process limitations (VDD = 2.7V to
5.5V).
8.1
Set Point Threshold Trimming
Applications that need accurate detection of an input
threshold event often need several sources of error
eliminated. Use of comparators and operational
amplifiers (op amps) with low offset and gain error can
help achieve the desired accuracy, but in many
applications, the input source variation is beyond the
designer’s control. If the entire system can be
calibrated after assembly in a controlled environment
(like factory test), these sources of error are minimized
if not entirely eliminated.
Figure 8-1 illustrates a common digital potentiometer
configuration. This configuration is often referred to as
a “windowed voltage divider”. Note that R1 is not
necessary to create the voltage divider, but its
presence is useful when the desired threshold has
limited range. It is “windowed” because R1 can narrow
the adjustable range of VTRIP to a value much less than
VDD – VSS. If the output range is reduced, the
magnitude of each output step is reduced. This
effectively increases the trimming resolution for a fixed
digital potentiometer resolution. This technique may
allow a lower-cost digital potentiometer to be utilized
(64 steps instead of 256 steps).
The MCP40D18’s low DNL performance is critical to
meeting calibration accuracy in production without
having to use a higher precision digital potentiometer.
EQUATION 8-1:
CALCULATING THE
WIPER SETTING FROM
THE DESIRED VTRIP
FIGURE 8-1:
Using the Digital
Potentiometer to Set a Precise Output Voltage.
8.1.1
TRIMMING A THRESHOLD FOR AN
OPTICAL SENSOR
If the application has to calibrate the threshold of a
diode, transistor or resistor, a variation range of 0.1V is
common. Often, the desired resolution of 2 mV or
better is adequate to accurately detect the presence of
a precise signal. A “windowed” voltage divider, utilizing
the MCP40D18, would be a potential solution.
Figure 8-2 illustrates this example application.
FIGURE 8-2:
Set Point or Threshold
Calibration.
V
TRIP
V
DD
R
WB
R
1
R
2
+
-------------------
⎝⎠
⎛⎞
=
D = Digital Potentiometer Wiper Setting (0-127)
RAB = RNominal
RWB = RAB •
D
127
D =
• (R
1 + RAB )
• 127
VTRIP
VDD
VDD
VOUT
A
R1
W
B
SDA
SCL
MCP40D18
VTRIP
0.1 µF
Comparator
VCC+
VCC-
VDD
Rsense
R1
B
A
VDD
W
SDA
SCL
MCP6021
MCP40D18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com