Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP40D17 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP40D17
Description  7-Bit Single I2C??(with Command Code) Digital POT with Volatile Memory in SC70
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP40D17 Datasheet(HTML) 2 Page - Microchip Technology

  MCP40D17 Datasheet HTML 1Page - Microchip Technology MCP40D17 Datasheet HTML 2Page - Microchip Technology MCP40D17 Datasheet HTML 3Page - Microchip Technology MCP40D17 Datasheet HTML 4Page - Microchip Technology MCP40D17 Datasheet HTML 5Page - Microchip Technology MCP40D17 Datasheet HTML 6Page - Microchip Technology MCP40D17 Datasheet HTML 7Page - Microchip Technology MCP40D17 Datasheet HTML 8Page - Microchip Technology MCP40D17 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MCP40D17/18/19
DS22152B-page 2
© 2009 Microchip Technology Inc.
Device Block Diagram
Comparison of Similar Microchip Devices (1)
Device
Wiper
Configuration
Resistance (typical)
VDD
Operating
Range
Package
Options (k
Ω)
MCP40D17 (2)
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-6
MCP4017 (2,4)
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-6
MCP4012 (2)
U/D
64
Rheostat
RAM
2.1, 5.0, 10.0, 50.0
1.8V to 5.5V
Yes
No
SOT-23-6
MCP4022 (2)
U/D
64
Rheostat
EE
2.1, 5.0, 10.0, 50.0
2.7V to 5.5V
Yes
Yes
SOT-23-6
MCP4132 (3)
SPI
129
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
Yes
No
PDIP-8,
SOIC-8,
MSOP-8,
DFN-8
MCP4142 (3)
SPI
129
Rheostat
EE
5.0, 10.0, 50.0, 100.0
2.7V to 5.5V
Yes
Yes
MCP4152 (3)
SPI
257
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
Yes
No
MCP4162 (3)
SPI
257
Rheostat
EE
5.0, 10.0, 50.0, 100.0
2.7V to 5.5V
Yes
Yes
MCP4532 (3)
I2C
129
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
Yes
No
MSOP-8,
DFN-8
MCP4542 (3)
I2C
129
Rheostat
EE
5.0, 10.0, 50.0, 100.0
2.7V to 5.5V
Yes
Yes
MCP4552 (3)
I2C
257
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
Yes
No
MCP4562 (3)
I2C
257
Rheostat
EE
5.0, 10.0, 50.0, 100.0
2.7V to 5.5V
Yes
Yes
MCP40D18 (2)
I2C
128
Potentiometer
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-6
MCP4018 (2,4)
I2C
128
Potentiometer
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-6
MCP4013 (2)
U/D
64
Potentiometer
RAM
2.1, 5.0, 10.0, 50.0
1.8V to 5.5V
Yes
No
SOT-23-6
MCP4023 (2)
U/D
64
Potentiometer
EE
2.1, 5.0, 10.0, 50.0
2.7V to 5.5V
Yes
Yes
SOT-23-6
MCP40D19 (2)
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-5
MCP4019 (2,4)
I2C
128
Rheostat
RAM
5.0, 10.0, 50.0, 100.0
1.8V to 5.5V
No
No
SC70-5
MCP4014 (2)
U/D
64
Rheostat
RAM
2.1, 5.0, 10.0, 50.0
1.8V to 5.5V
Yes
No
SOT-23-5
MCP4024 (2)
U/D
64
Rheostat
EE
2.1, 5.0, 10.0, 50.0
2.7V to 5.5V
Yes
Yes
SOT-23-5
Note 1:
This table is broken into three groups by a thick line (and color coding). The unshaded devices in this table
are the devices described in this data sheet, while the shaded devices offer a comparable resistor network
configuration.
2:
Analog characteristics only tested from 2.7V to 5.5V.
3:
Analog characteristics only tested from 3.0V to 5.5V.
4:
These devices have a simplified I2C command format, which allows higher data throughput.
Power-up/
Brown-out
Control
VDD
VSS
I2C Serial
Interface
Module,
Control
Logic, &
Resistor
Network 0
(Pot 0)
SCL
SDA
A (2)
W
B (1, 2)
Note 1
Memory
Note 1: Some configurations will have this
signal
internally
connected
to
ground.
2: In some configurations, this signal
may not be connected externally
(internally floating or grounded).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com