Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243-BE/ST Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP98243-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/ST Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP98243-BE/ST Datasheet HTML 35Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 36Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 37Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 38Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 39Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 40Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 41Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 42Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 39
MCP98243
5.3.3.3
PWP (Permanent Write Protect)
Once the PWP register is written, the lower half of the
memory will be permanent protected and the device
will not acknowledge any command. The protected
area of the memory can not be cleared, reversed, or re-
written. If a write is attempted to the protected area, the
device will acknowledge the address byte and word
address but not the data byte. (See Table 5-4 and
Table 5-5).
Unlike SWP and CWP, a VHV is not applied on the A0
pin to execute PWP. The state of A2, A1, and A0 is user
selectable. However, the address pin states need to
match the slave address bits, as shown in Table 5-3.
FIGURE 5-18:
Timing Diagram for Setting Permanent Write Protect (See Section 4.0 “Serial
Communication”).
Note:
Once the Permanent Write-Protect is
executed, it cannot be reversed, even if the
device power is cycled. See Figure 2-13
for VHV voltage levels.
SDA
A
C
K
01
1
0
A
A
C
K
S
2
A
1
A
0
12
3
4
5
6
7
8
1
2
345
6
7
8
SCL
Address Byte
W
MCP98243
MCP98243
A
C
K
P
1
2
3
4
567
8
Data
Word Address
MCP98243
XX
X
X
X
XX
X
X
X
X
X
X
XX
X
Note:
Unlike SWP and CWP, VHV must be within the range of GND to VDD + 1V to execute PWP.
See Figure 2-13 and Section 5.3.3 “Write Protection”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com