Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243-BE/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP98243-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP98243-BE/ST Datasheet HTML 12Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 13Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 14Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 15Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 16Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 17Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 18Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 19Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 62 page
background image
MCP98243
DS22153B-page 16
© 2009 Microchip Technology Inc.
5.1
Registers
The MCP98243 has several registers that are
user-accessible. These registers include the Capability
register, Configuration register, Event Temperature
Upper-Boundary and Lower-Boundary Trip registers,
Critical
Temperature
Trip
register,
Temperature
register, Manufacturer Identification register and
Device Identification register.
The Temperature register is read-only, used to access
the ambient temperature data. The data is loaded in
parallel to this register after tCONV. The Event
Temperature Upper-Boundary and Lower-Boundary
Trip registers are read/writes. If the ambient
temperature drifts beyond the user-specified limits, the
MCP98243 outputs a signal using the Event pin (refer
to Section 5.2.3 “Event Output Configuration”). In
addition, the Critical Temperature Trip register is used
to provide an additional critical temperature limit.
The Capability register is used to provide bits
describing the MCP98243’s capability in measurement
resolution, measurement range and device accuracy.
The device Configuration register provides access to
configure the MCP98243’s various features. These
registers are described in further detail in the following
sections.
The registers are accessed by sending a Register
Pointer to the MCP98243 using the serial interface.
This is an 8-bit write-only pointer. However, the four
Least Significant bits are used as pointers and all
unused bits (bits 7-4) need to be cleared or set to ‘0’.
Register 5-1 describes the pointer or the address of
each register.
REGISTER 5-1:
REGISTER POINTER (WRITE ONLY)
W-0
W-0
W-0
W-0
W-0
W-0
W-0
W-0
—
—
—
—
Pointer Bits
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Writable Bits: Write ‘0’’
bit 3-0
Pointer Bits:
0000
=
Capability register
0001
=
Configuration register (CONFIG)
0010
=
Event Temperature Upper-Boundary Trip register (TUPPER)
0011
=
Event Temperature Lower-Boundary Trip register (TLOWER)
0100
=
Critical Temperature Trip register (TCRIT)
0101
=
Temperature register (TA)
0110
=
Manufacturer ID register
0111
=
Device ID/Revision register
1000
=
Resolution register
1XXX
=
Reserved (This device has additional registers that are reserved for test and calibration. If
these registers are accessed, the device may not perform according to the specification.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com