Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243-BE/ST Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP98243-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/ST Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP98243-BE/ST Datasheet HTML 2Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 3Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 4Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 5Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 6Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 7Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 8Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 9Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
MCP98243
DS22153B-page 6
© 2009 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
TIMING DIAGRAM
GRAPHICAL SYMBOL DESCRIPTION
Electrical Specifications: Unless otherwise indicated, VDD = 1.8V to 5.5V for the EEPROM, VDD = 3.0V to 3.6V for
the Temperature Sensor, and GND = Ground.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-20
—
+125
°C
Note 1
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-DFN
θJA
—68
—
°C/W
Thermal Resistance, 8L-TDFN
θJA
—
52.5
—
°C/W
Thermal Resistance, 8L-TSSOP
θJA
—
139
—
°C/W
Thermal Resistance, 8L-UDFN
θJA
—41
—
°C/W
Note 1: Operation in this range must not cause TJ to exceed Maximum Junction Temperature (+150°C).
Start Condition
Data Transmission
Stop Condition
VDD
VIH
VIL
IIN
Voltage
Current
time
VDD
IOH
Voltage
Current
time
INPUT
OUTPUT
VOL
IOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com