Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP98243-BE/ST Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP98243-BE/ST
Description  Memory Module Temperature Sensor w/ EEPROM for SPD
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP98243-BE/ST Datasheet(HTML) 1 Page - Microchip Technology

  MCP98243-BE/ST Datasheet HTML 1Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 2Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 3Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 4Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 5Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 6Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 7Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 8Page - Microchip Technology MCP98243-BE/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
© 2009 Microchip Technology Inc.
DS22153B-page 1
MCP98243
Features
• Meets JEDEC Specification JC42.4-TSE2002B3
• Temperature Sensor + 2 Kbit Serial EEPROM
• EEPROM for Serial Presence Detect (SPD)
• 2-wire I2C™/SMBus Interface
• Available Packages:
- DFN-8, TDFN-8, UDFN-8, TSSOP-8
Temperature Sensor Features
• Temperature-to-Digital Converter
• Sensor Accuracy (Grade B):
- ±0.2°C/±1°C (typ./max.)
→ +75°C to +95°C
- ±0.5°C/±2°C (typ./max.)
→ +40°C to +125°C
- ±1°C/±3°C (typ./max.)
→ -20°C to +125°C
• Specified VDD Range: 3.0V to 3.6V
• Operating Current: 200 µA (typical)
•Operating VDD Range: 2.7V to 5.5V
Serial EEPROM Features
• Specified VDD Range: 1.8V to 5.5V
• Operating Current:
-Write
→ 1.1 mA (typical) for 3.5 ms (typical)
- Read
→ 100 µA (typical)
• Permanent and Reversible Software Write Protect
• Software Write Protection for the lower 1 Kbit
• Organized as 1 block of 256 x 8-bit (2 Kbit)
Typical Applications
• DIMM Modules for Servers, PCs, and Laptops
• General Purpose Temperature Datalog
Description
Microchip
Technology
Inc.’s
MCP98243
digital
temperature sensor converts temperature from -40°C
and +125°C to a digital word. This sensor meets
JEDEC Specification JC42.4-TSE2002B3 Platform
Memory Module Thermal Sensor Component. It
provides an accuracy of ±0.2°C/±1°C (typical/
maximum) from +75°C to +95°C. In addition, this
device has an internal 256 Byte EEPROM which can
be used to store memory module and vendor
information.
The MCP98243 digital temperature sensor comes with
user-programmable registers that provide flexibility for
DIMM temperature-sensing applications. The registers
allow user-selectable settings such as Shutdown or
Low-Power
modes
and
the
specification
of
temperature Event boundaries. When the temperature
changes beyond the specified Event boundary limits,
the MCP98243 outputs an Alert signal at the Event pin.
The user has the option of setting the temperature
Event output signal polarity as either an active-low or
active-high comparator output for thermostat operation,
or as a temperature Event interrupt output for
microprocessor-based systems.
The EEPROM is designed specifically for DRAM
DIMMs (Dual In-line Memory Modules) Serial Presence
Detect (SPD). The lower 128 Bytes (address 0x00 to
0x7F) can be Permanent Write Protected (PWP) or
Software Reversible Write Protected (SWP). This
allows DRAM vendor and product information to be
stored and write protected. The upper 128 bytes
(address 0x80 to 0xFF) can be used for general
purpose data storage. These addresses are not write
protected.
This sensor has an industry standard 2-wire,
I2C compatible serial interface, allowing up to eight
devices to be controlled in a single serial bus.
Package Types
DIMM MODULE
MCP98243
8-Pin 2x3 DFN/TDFN/UDFN *
SDA
GND
Event
SCL
1
2
3
4
8-Pin TSSOP
A0
VDD
A1
A2
8
7
6
5
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SCL
Event
SDA
A1
A2
1
2
3
4
8
7
6
5
GND
A0
VDD
EP
9
Memory Module Temperature Sensor w/ EEPROM for SPD


Similar Part No. - MCP98243-BE/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98243 MICROCHIP-MCP98243 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
MCP98243 MICROCHIP-MCP98243 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
MCP98243 MICROCHIP-MCP98243 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
More results

Similar Description - MCP98243-BE/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242 Datasheet
1Mb / 46P
Memory Module Temperature Sensor w/ EEPROM for SPD
2006
logo
STMicroelectronics
STTS424E02 STMICROELECTRONICS-STTS424E02 Datasheet
75Kb / 7P
Memory module temperature sensor with a 2Kb SPD EEPROM
03-Aug-2007
STTS424E02 STMICROELECTRONICS-STTS424E02_08 Datasheet
438Kb / 51P
Memory module temperature sensor with a 2 Kb SPD EEPROM
12-Jun-2008
logo
Microchip Technology
MCP98242 MICROCHIP-MCP98242_09 Datasheet
1Mb / 52P
Memory Module Temperature Sensor w/EEPROM for SPD
2009
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002 Datasheet
146Kb / 9P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
03-Mar-2010
logo
Microchip Technology
MCP9843 MICROCHIP-MCP9843 Datasheet
1Mb / 62P
Memory Module Temperature Sensor w/ EEPROM for SPD
2009
logo
STMicroelectronics
STTS2002 STMICROELECTRONICS-STTS2002_11 Datasheet
770Kb / 52P
2.3 V memory module temperature sensor with a 2 Kb SPD EEPROM
21-Mar-2011
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244 Datasheet
972Kb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
11/29/12 2012-2013
logo
Renesas Technology Corp
TSE2002GB2A1 RENESAS-TSE2002GB2A1 Datasheet
540Kb / 31P
Temperature Sensor with Integrated EEPROM for Memory Integrated EEPROM for Memory
July 17, 2012
logo
Microchip Technology
MCP98244 MICROCHIP-MCP98244_V01 Datasheet
1Mb / 52P
DDR4 DIMM Temperature Sensor with EEPROM for SPD
Revision D March 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com