Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73213 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP73213
Description  Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP73213 Datasheet HTML 18Page - Microchip Technology MCP73213 Datasheet HTML 19Page - Microchip Technology MCP73213 Datasheet HTML 20Page - Microchip Technology MCP73213 Datasheet HTML 21Page - Microchip Technology MCP73213 Datasheet HTML 22Page - Microchip Technology MCP73213 Datasheet HTML 23Page - Microchip Technology MCP73213 Datasheet HTML 24Page - Microchip Technology MCP73213 Datasheet HTML 25Page - Microchip Technology MCP73213 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MCP73213
DS22190A-page 22
© 2009 Microchip Technology Inc.
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Li-Ion / Li-Poly
cells is below the 1C rate, with an absolute maximum
current at the 2C rate.
The recommended fast charge
current
should
be
obtained
from
battery
manufacturer. For example, a 500 mAh battery pack
with 0.7C preferred fast charge current has a charge
current of 350 mA. Charging at this rate provides the
shortest charge cycle times without degradation to the
battery pack performance or life.
6.1.1.2
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
EQUATION 6-1:
Power dissipation with a 9V, ±10% input voltage
source, 500 mA ±10% and preconditioning threshold
voltage at 6V is:
EQUATION 6-2:
This power dissipation with the battery charger in the
DFN-10 package will result approximately 92
°C above
room temperature.
6.1.1.3
External Capacitors
The MCP73213 is stable with or without a battery load.
In order to maintain good AC stability in the Constant-
voltage mode, a minimum capacitance of 1 µF is
recommended to bypass the VBAT pin to VSS. This
capacitance provides compensation when there is no
battery
load.
In
addition,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant-voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
A minimum of 16V rated 1 µF, is recommended to apply
for output capacitor and a minimum of 25V rated 1 µF,
is recommended to apply for input capacitor for typical
applications.
TABLE 6-1:
MLCC CAPACITOR EXAMPLE
Virtually any good quality output filter capacitor can be
used,
independent
of
the
capacitor’s
minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 1 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability.
6.1.1.4
Reverse-Blocking Protection
The MCP73213 provides protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
Note:
Please consult with your battery supplier
or refer to battery data sheet for preferred
charge rate.
PowerDissipation
V
DDMAX
V
PTHMIN
–
() I
REGMAX
×
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
MLCC
Capacitors
Temperature
Range
Tolerance
X7R
-55
°C to +125°C
±15%
X5R
-55
°C to +85°C
±15%
PowerDissipation
9.9V 6.0V
–
() 550mA
×
2.15W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com