Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73213 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP73213
Description  Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP73213 Datasheet HTML 7Page - Microchip Technology MCP73213 Datasheet HTML 8Page - Microchip Technology MCP73213 Datasheet HTML 9Page - Microchip Technology MCP73213 Datasheet HTML 10Page - Microchip Technology MCP73213 Datasheet HTML 11Page - Microchip Technology MCP73213 Datasheet HTML 12Page - Microchip Technology MCP73213 Datasheet HTML 13Page - Microchip Technology MCP73213 Datasheet HTML 14Page - Microchip Technology MCP73213 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22190A-page 11
MCP73213
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG(Typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-13:
Battery Voltage Accuracy
(VRTOL) vs. Supply Voltage (VDD).
FIGURE 2-14:
Load Transient Response
(ILOAD = 50 mA/Div, Output: 100 mV/Div, Time:
100 µs/Div).
FIGURE 2-15:
Input Overvoltage
Protection.
FIGURE 2-16:
Complete Charge Cycle
(875 mAh Li-Ion Battery).
FIGURE 2-17:
Line Transient Response
(ILOAD = 10 mA) (100 µs/Div).
FIGURE 2-18:
Line Transient Response
(ILOAD = 100 mA) (100 µs/Div).
-0.5
-0.3
-0.1
0.1
0.3
0.5
8.4
9.0
9.6
10.2
10.8
11.4
12.0
Supply Voltage (V)
VBAT = 8.2V
ILOAD = 150 mA
TA = +25°C
Output Ripple (V)
Output Current (mA)
0
1
2
3
4
5
6
7
8
9
10
0
102030405060708090
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
VDD = 9V
RPROG = 1.5 kΩ
875 mAh Li-Ion Battery
Thermal Foldback
Input Voltage
Battery Voltage
Output Current
Output Ripple (V)
Source Voltage (V)
Output Ripple (V)
Source Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com