Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73213 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73213
Description  Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73213 Datasheet HTML 1Page - Microchip Technology MCP73213 Datasheet HTML 2Page - Microchip Technology MCP73213 Datasheet HTML 3Page - Microchip Technology MCP73213 Datasheet HTML 4Page - Microchip Technology MCP73213 Datasheet HTML 5Page - Microchip Technology MCP73213 Datasheet HTML 6Page - Microchip Technology MCP73213 Datasheet HTML 7Page - Microchip Technology MCP73213 Datasheet HTML 8Page - Microchip Technology MCP73213 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22190A-page 1
MCP73213
Features
• Complete Linear Charge Management Controller:
- Integrated Input Overvoltage Protection
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current / Constant Voltage Operation
with Thermal Regulation
• 4.15V Undervoltage Lockout (UVLO)
• 13V Input Overvoltage Protection
• High Accuracy Preset Voltage Regulation
Through Full Temperature Range (-5°C to +55°C):
-+ 0.6%
• Battery Charge Voltage Options:
- 8.20V, 8.40V, 8.7V or 8.8V
• Resistor Programmable Fast Charge Current:
- 130 mA - 1100 mA
• Preconditioning of Deeply Depleted Cells:
- Available Options: 10% or Disable
• Integrated Precondition Timer:
- 32 Minutes or Disable
• Automatic End-of-Charge Control:
- Selectable Minimum Current Ratio:
5%, 7.5%, 10% or 20%
- Elapse Safety Timer: 4 HR, 6 HR, 8 HR or
Disable
• Automatic Recharge:
- Available Options: 95% or Disable
• Factory Preset Charge Status Output:
- On/Off or Flashing
• Soft Start
• Temperature Range: -40°C to +85°C
• Packaging: DFN-10 (3 mm x 3 mm)
Applications
• Digital Camcorders
• Portable Media Players
• Ultra Mobile Personal Computers
• Netbook Computers
• Handheld Devices
• Walkie-Talkie
• Low-Cost 2-Cell Li-Ion/Li-Poly Chargers / Cradles
Description
The MCP73213 is a highly integrated Li-Ion battery
charge management controller for use in space-limited
and
cost-sensitive
applications.
The
MCP73213
provides specific charge algorithms for dual-cell Li-Ion
/ Li-Polymer batteries to achieve optimal capacity and
safety in the shortest charging time possible. Along
with its small physical size, the low number of external
components makes the MCP73213 ideally suitable for
portable applications. The absolute maximum voltage,
up to 18V, allows the use of MCP73213 in harsh
environments, such as low cost wall wart or voltage
spikes from plug/unplug.
The MCP73213 employs a constant current / constant
voltage charge algorithm. The various charging voltage
regulations provide design engineers flexibility to use in
different applications. The fast charge, constant current
value is set with one external resistor from 130 mA to
1100 mA. The MCP73213 limits the charge current
based on die temperature during high power or high
ambient conditions. This thermal regulation optimizes
the charge cycle time while maintaining device
reliability.
The PROG pin of the MCP73213 also serves as enable
pin. When high impedance is applied, the MCP73213
will be in standby mode.
The MCP73213 is fully specified over the ambient
temperature range of -40°C to +85°C. The MCP73213
is available in a 10 lead, DFN package.
Package Types (Top View)
MCP73213
3x3 DFN *
VBAT
VDD
VBAT
VSS
VSS
1
2
3
4
10
9
8
7 STAT
PROG
VDD
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
11
NC 5
6 NC
Dual-Cell Li-Ion / Li-Polymer Battery Charge Management
Controller with Input Overvoltage Protection


Similar Part No. - MCP73213

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73213-A6SI/MF MICROCHIP-MCP73213-A6SI/MF Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
MCP73213-B6SI/MF MICROCHIP-MCP73213-B6SI/MF Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
MCP73213T-A6SI/MF MICROCHIP-MCP73213T-A6SI/MF Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
MCP73213T-B6SI/MF MICROCHIP-MCP73213T-B6SI/MF Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
MCP73213 MICROCHIP-MCP73213_14 Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
More results

Similar Description - MCP73213

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113 Datasheet
581Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Microchip Technology
MCP73113 MICROCHIP-MCP73113_10 Datasheet
587Kb / 34P
Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2010
MCP73113 MICROCHIP-MCP73113_13 Datasheet
766Kb / 34P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
2009-2013
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Microchip Technology
MCP73213 MICROCHIP-MCP73213_14 Datasheet
620Kb / 34P
Dual-Cell Li-Ion/Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
03/25/14
logo
Shenzhen Huazhimei Semi...
HM5423 HMSEMI-HM5423 Datasheet
375Kb / 13P
Dual-cell Li-ion/Li-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com