Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73213 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73213
Description  Dual-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73213 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73213 Datasheet HTML 1Page - Microchip Technology MCP73213 Datasheet HTML 2Page - Microchip Technology MCP73213 Datasheet HTML 3Page - Microchip Technology MCP73213 Datasheet HTML 4Page - Microchip Technology MCP73213 Datasheet HTML 5Page - Microchip Technology MCP73213 Datasheet HTML 6Page - Microchip Technology MCP73213 Datasheet HTML 7Page - Microchip Technology MCP73213 Datasheet HTML 8Page - Microchip Technology MCP73213 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
© 2009 Microchip Technology Inc.
DS22190A-page 3
MCP73213
Functional Block Diagram
VREF (1.21V)
STAT
PROG
VBAT
VSS
DIRECTION
CONTROL
PRECONDITION
+
-
TERM
+
-
CA
CHARGE
+
-
VA
+
-
CURRENT
LIMIT
VOREG
VOREG
UVLO
VDD
Input OverVP
VDD
13V
Thermal Regulation
TSD
110°C
*Recharge
VBAT
95% VREG
*Only available on selected options
VREF
CHARGE
CONTROL,
TIMER
AND
STATUS
LOGIC
REFERENCE,
BIAS, UVLO
AND SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com