Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS121 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # PS121
Description  Voltage Detecting IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS121 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  PS121 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
Voltage Detecting IC
-1 -
Version
:A.017
PS121
PS121
Voltage Detecting IC
General Description
PS121 is specially designed for +5V power good signal generating. Power good
signal notifies microprocessor whether the +5V supply voltage is ready, therefore it can
provide a stable and reliable power supply and computing environment.
Delay circuit is also built-in to provide delay time by adding an external capacitor.
Features
1. Power Good Logic to Check +5V
2. Adjustable delay time
3. 4-pin SIP package
Block Diagram
1
2
+5V INPUT
GND
DELAY
CAPACITOR
PG
OUTPUT
4
3
1.25 V
23.6K
10K
I
d
V
th_cd
10K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com