Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS121 Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # PS121
Description  Voltage Detecting IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS121 Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  PS121 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
Voltage Detecting IC
-4 -
Version
:A.017
PS121
Typical Application
(1) For Forward Type
2
1
4
3
N-PG
+5V INPUT
C
d
GND
PG
Id
I2
Vpgi
R1
=
D1
or
X
1
S.P.S
Secondary Side
+5V
OUTPUT
Rx
Cx
X
1
X
2
=
or
X
2
Vz=6V
C>0.01uF
(2) For Flyback Type
2
1
4
3
N-PG
+5V INPUT
C
d
GND
PG
Id
I2
Vpgi
R1
=
D1
or
X
1
Rx
Cx
X
1
X
2
=
or
X
2
Vz=6V
C>0.01uF
S.P.S
Secondary Side
+5V
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com