Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS121 Datasheet(PDF) 8 Page - Silicon Touch Technology Inc.

Part # PS121
Description  Voltage Detecting IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS121 Datasheet(HTML) 8 Page - Silicon Touch Technology Inc.

  PS121 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
Voltage Detecting IC
-7 -
Version
:A.017
PS121
Package Specification (TO-93)
(TO-93 4-pin)
NOTE
L3
s
θ1
2.70
1.50
5.0°
0.5
0.5
±
±
0.11
0.06
5.0°
0.02
0.02
(TYP)
±
±
(TYP)
Symbol Dimension in mm Dimension in inch
A
b1
D
e
e1
E
I
L1
3.65
0.38
5.22
6.9
2.3
1.55
4.20
1.75
0.1
0.1
1.0
0.75
0.1
0.14
0.5
0.1
±
±
±
±
±
±
±
±
0.144
0.015
0.20
0.27
0.09
0.06
0.16
0.07
0.004
0.004
0.004
0.02
0.03
0.004
0.006
0.02
±
±
±
±
±
±
±
±
1
2
3
4
N-PG
L3
A
I
θ2
θ1
E
D
s
PINOUT
:
Pin1
Pin2
Pin3
Pin4
PG
+5V / Vcc
Cd
Vss
L2
2.10
0.5
±
0.08
0.02
±
L2
L1
θ3
θ23.0°
(TYP)
3.0°
(TYP)
θ3
46.0°
(TYP)
46.0°
(TYP)
e1
e
b1
e1
e1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com