Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS121 Datasheet(PDF) 4 Page - Silicon Touch Technology Inc.

Part # PS121
Description  Voltage Detecting IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS121 Datasheet(HTML) 4 Page - Silicon Touch Technology Inc.

  PS121 Datasheet HTML 1Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 2Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 3Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 4Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 5Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 6Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 7Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 8Page - Silicon Touch Technology Inc. PS121 Datasheet HTML 9Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
Voltage Detecting IC
-3 -
Version
:A.017
PS121
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5
~
+7.5
V
Output Sink Current
Isink
30
mA
Output Voltage
VPG
-0.5
~
+7.5
V
Power Dissipation
Pd
300
mW
Storage Temperature
Tstg
-40
~
+125
oC
Operating Temperature
Topr
-30
~
+90
oC
Junction Temperature
Tj
150
oC
Package Thermal Resistance
JA
θ
160
oC/W
Electrical characteristics, Vcc=5V, T
a = 25
oC. (unless otherwise specified)
Parameter
Test Condition
MIN
TYP
MAX
Unit
Vth
Detecting Threshold Voltage
4.05
4.30
4.55
V
Vhy
Vth Hysteresis Voltage
0.1
0.2
0.3
V
IDD
Circuit Current
VCC=5V
0.97
2.5
mA
Td
Delay Time
Cd=0.1μF
21.4
ms
Id
Constant Current at Cd Pin
8.0
8.7
9.4
μA
Vsat
PG Output Saturation Voltage
V+5=4.0V,
Isink=10mA
0.128
0.192
V
VDD = 0
5
1.79
1.87
1.95
Vthcd
Threshold Voltage in Pin Cd
VDD = 5
0
1.72
1.77
1.82
V
ΔT
Temperature coefficient
+1
+2
mV/°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com