Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS232F Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  PS232F Datasheet HTML 1Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 2Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-1-
PS232F
PS232F
6-Channel Secondary Monitoring IC
General Description
PS232F is specially designed for switching power supply system. Four important
functions of PS232F are the followings: over-voltage protection, over-current protection,
under-voltage protection and power good signal generating.
OVP/UVP (Over-Voltage/Under-Voltage Protection) monitors 3.3V, 5V and quartic
12V to protect our power supply and PC, FPO/ goes to high when one of these supply
voltages exceeds their normal operation voltage range.
OCP (Over Current Protection) monitors IS33, IS5, IS12A, IS12B, IS12C, IS12D
input current sense. An adjustable over-current condition composed of Iref and
“protection current range resistor” helps users design OCP easily.
An additional protection input pin provides the flexibility for design protection
circuit.
Power good signal generating notifies personal computer when power supply is
ready or power supply is going to shutdown, therefore it can provide a reliable power
supply environment.
Features
• Over/Under-voltage protection and lock out
• Over-current protection and lock out
• Additional protection input
• Fault protection output with open drain output stage
• Open drain power good output signal for power good input
• Built-in 300mS power good delay
• AC on 75ms delay for UV/OC protection
• 38mS PSON/ control de-bounce
• Wide power supply range (3.8V~16V)
• Special care for AC power off



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com