Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS232F Datasheet(PDF) 5 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 5 Page - Silicon Touch Technology Inc.

  PS232F Datasheet HTML 1Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 2Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-4-
PS232F
Pin Descriptions
Pin No
PIN NAME
Descriptions
1
PGI
Power good input signal pin
2
GND
Ground
3
FPO/
Inverted fault protection output ,open drain output stage
4
PSON/
Remote ON/OFF control input pin
5
IS12A
12V(1) over current protection input pin
6
RI
Current sense setting
7
IS12B
12V(2) over current protection input pin
8
VS12B
12V(2) over/under voltage protection input pin
9
VS12C
12V(3) over/under voltage protection input pin
10
VS12D
12V(4) over/under voltage protection input pin
11
IS12D
12V(4) over current protection input pin
12
IS12C
12V(3) over current protection input pin
13
Pext
External protection detect input pin
14
IS5
5.0V over current protection input pin
15
IS33
3.3V over current protection input pin
16
VS12A
12V(1) over/under voltage protection input pin
17
VS33
3.3V over/under voltage protection input pin
18
VS5
5.0V over/under voltage protection input pin
19
VCC
Power supply
20
PGO
Power good output signal pin , open drain output stage
Absolute Maximum Ratings
Parameter
Rating
Unit
Storage Temperature
(Tstg)
-40 to
+125
°C
Operating Temperature
(Topr)
-30 to
+90
°C
Supply Voltage
(VCC)
VCC
-0.5 to
+16.0
V
VS12,IS12(A,B,C,D)
-0.5 to
+16.0
V
VS5, IS5
-0.5 to
+9.0
V
VS33, IS33
-0.5 to
+7.0
V
PGI
-0.5 to
+16.0
V
Input Voltage Range
(VI)
PSON/, Pext
-0.5 to
Vcc+0.5
V
FPO/
-0.5 to
+16.0
V
Output Voltage Range
(VO)
PGO
-0.5 to
Vcc+0.5
V
Output Current for RI
(IRI)
RI
12.5 to
62.5
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com