Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS232F Datasheet(PDF) 3 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 3 Page - Silicon Touch Technology Inc.

  PS232F Datasheet HTML 1Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 2Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-2-
PS232F
Block Diagram
VS33
38.5KΩ
23.5KΩ
28KΩ
Vref
Vref
3.3 OV
3.3 UV
VS5
58KΩ
13.5KΩ
18.5KΩ Vref
Vref
5 OV
5 UV
Band-Gap
Reference
Power On
Reset
Clock
Generator
38mS
De-bounce
Constant Current
Source Iref
FPO/
PGI
PGO
RI
GND
POR
Vref
CLK
73uS
De-bounce
H : 300mS
L : 4.5uS
delay
1M
Ω
1
0
S
Q
R
H : 75mS
L : 4.5uS
delay
0.63V
1.25V
VCCI
1.13V
S
Q
R
1M
Ω
H : 4mS
L : 4.5uS
delay
2.5V
Pext
Internal
Power
VCCI = 4V
PSON/
VCC
30K
Ω
1.25V
VCCI
90K
Ω
4.5V
2K
Ω
H : 20mS
L : 4.5uS
delay
IS5
Iref X 8
5 OC
VCCI
Step Down
to near 2.5V
IS33
Iref X 8
3.3 OC
VCCI
Step Down
to near 2.5V
1.25V
1mS
delay
VCC
VCC
15uS
delay
OV
UV
155KΩ
9KΩ
16KΩ
Vref
Vref
OC
VCCI
Iref X 8
Step Down
to near 2.5V
VS
IS
VS12B
VS12A
VS12C
VS12D
IS12B
IS12A
IS12C
IS12D
VS
12 UV
12 OV
12 OC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com