Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS232F Datasheet(PDF) 6 Page - Silicon Touch Technology Inc.

Part # PS232F
Description  6-Channel Secondary Monitoring IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

PS232F Datasheet(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button PS232F Datasheet HTML 2Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 3Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 4Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 5Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 6Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 7Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 8Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 9Page - Silicon Touch Technology Inc. PS232F Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
6-Channel Secondary Monitoring IC
Version
:A.001
-5-
PS232F
Electrical Characteristics, Vcc=12V, T
a = 25°C. (unless otherwise specified)
Power Supply Section
Parameter
Conditions
MIN
TYP
MAX
Unit
Supply Voltage
3.8
5.0
16.0
V
Supply Current
VPSON/ = 5V
4.5
5.0
mA
Power On Reset Threshold Voltage (VPOR)
3.2
3.4
3.6
V
Power On Reset Hysteresis (VHYST)
-0.15
-0.3
-0.45
V
Over-Voltage Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS33
3.7
3.9
4.1
V
VS5
5.7
6.1
6.5
V
Over-Voltage Threshold
VS12A/B/C/D
13.1
13.8
14.5
V
Under-Voltage Section
Parameter
Conditions
MIN
TYP
MAX
Unit
VS33
2.0
2.2
2.4
V
VS5
3.3
3.5
3.7
V
Under-Voltage Threshold
VS12A/B/C/D
8.5
9.0
9.5
V
PGI, Analog Input
Parameter
Conditions
MIN
TYP
MAX
Unit
Threshold Voltage for start Td1
1.16
1.25
1.33
V
Threshold Voltage for start Td2
0.60
0.63
0.75
V
Threshold Voltage for mask OC,UV
1.05
1.13
1.21
V
Hysteresis (VHYST)*
+/-20
+/-50
+/-80
mV
* All of the comparator for PGI input in block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com