Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP631T-E/MF Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP631T-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631T-E/MF Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP631T-E/MF Datasheet HTML 17Page - Microchip Technology MCP631T-E/MF Datasheet HTML 18Page - Microchip Technology MCP631T-E/MF Datasheet HTML 19Page - Microchip Technology MCP631T-E/MF Datasheet HTML 20Page - Microchip Technology MCP631T-E/MF Datasheet HTML 21Page - Microchip Technology MCP631T-E/MF Datasheet HTML 22Page - Microchip Technology MCP631T-E/MF Datasheet HTML 23Page - Microchip Technology MCP631T-E/MF Datasheet HTML 24Page - Microchip Technology MCP631T-E/MF Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 21
MCP631/2/3/5
4.0
APPLICATIONS
The MCP631/2/3/5 family op amps is manufactured
using Microchip’s state of the art CMOS process. It is
designed for low cost, low power and high speed
applications. Its low supply voltage, low quiescent
current and wide bandwidth make the MCP631/2/3/5
ideal for battery-powered applications.
4.1
Input
4.1.1
PHASE REVERSAL
The input devices are designed to not exhibit phase
inversion when the input pins exceed the supply
voltages.
Figure 2-38
shows
an
input
voltage
exceeding both supplies with no phase inversion.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The ESD protection on the inputs can be depicted as
shown in Figure 4-1. This structure was chosen to
protect the input transistors, and to minimize input bias
current (IB). The input ESD diodes clamp the inputs
when they try to go more than one diode drop below
VSS. They also clamp any voltages that go too far
above VDD; their breakdown voltage is high enough to
allow normal operation, and low enough to bypass
quick ESD events within the specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
(and voltages) at the input pins (see Section 1.1
“Absolute Maximum Ratings †”). Figure 4-2 shows
the recommended approach to protecting these inputs.
The internal ESD diodes prevent the input pins
(VIN+ and VIN–) from going too far below ground, and
the resistors R1 and R2 limit the possible current drawn
out of the input pins. Diodes D1 and D2 prevent the
input pins (VIN+ and VIN–) from going too far above
VDD, and dump any currents onto VDD. When
implemented as shown, resistors R1 and R2 also limit
the current through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of the
resistor R1 and R2. In this case, the currents through
the diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush
current limiters; the DC current into the input pins
(VIN+ and VIN–) should be very small.
A significant amount of current can flow out of the
inputs (through the ESD diodes) when the common
mode voltage (VCM) is below ground (VSS); see
Figure 2-13. Applications that are high impedance may
need to limit the usable voltage range.
4.1.3
NORMAL OPERATION
The input stage of the MCP631/2/3/5 op amps uses a
differential PMOS input stage. It operates at
low common mode input voltages (VCM), with VCM
between VSS – 0.3V and VDD – 1.3V. To ensure proper
operation, the input offset voltage (VOS) is measured
at both
VCM =VSS – 0.3V
and
VDD –1.3V.
See Figure 2-5 and Figure 2-6 for temperature effects.
When operating at very low non-inverting gains, the
output voltage is limited at the top by the VCM range
(< VDD – 1.3V); see Figure 4-3.
FIGURE 4-3:
Unity Gain Voltage
Limitations for Linear Operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN–
V1
R1
VDD
D1
R1 >
VSS – (minimum expected V1)
2mA
VOUT
R2 >
VSS – (minimum expected V2)
2mA
V2
R2
D2
MCP63X
VIN
VDD
VOUT
V
SS
V
<
IN
V
,
OUT
V
DD
1.3V
–
≤
MCP63X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com