Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP631T-E/MF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP631T-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631T-E/MF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP631T-E/MF Datasheet HTML 3Page - Microchip Technology MCP631T-E/MF Datasheet HTML 4Page - Microchip Technology MCP631T-E/MF Datasheet HTML 5Page - Microchip Technology MCP631T-E/MF Datasheet HTML 6Page - Microchip Technology MCP631T-E/MF Datasheet HTML 7Page - Microchip Technology MCP631T-E/MF Datasheet HTML 8Page - Microchip Technology MCP631T-E/MF Datasheet HTML 9Page - Microchip Technology MCP631T-E/MF Datasheet HTML 10Page - Microchip Technology MCP631T-E/MF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 7
MCP631/2/3/5
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
2.1
DC Signal Inputs
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Power Supply Voltage with VCM =0V.
FIGURE 2-4:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-5:
Low Input Common Mode
Voltage Headroom vs. Ambient Temperature.
FIGURE 2-6:
High Input Common Mode
Voltage Headroom vs. Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
Input Offset Voltage (mV)
396 Samples
TA = +25°C
VDD = 2.5V and 5.5V
0%
2%
4%
6%
8%
10%
12%
14%
16%
-8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8
Input Offset Voltage Drift (µV/°C)
398 Samples
VDD = 2.5V and 5.5V
TA = -40°C to +125°C
-4.0
-3.8
-3.6
-3.4
-3.2
-3.0
-2.8
-2.6
-2.4
-2.2
-2.0
1.52.0 2.53.0 3.54.0 4.55.0 5.56.0 6.5
Power Supply Voltage (V)
+125°C
+85°C
+25°C
-40°C
Representative Part
VCM = VSS
-3.0
-2.8
-2.6
-2.4
-2.2
-2.0
-1.8
-1.6
-1.4
-1.2
-1.0
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5
Output Voltage (V)
VDD = 2.5V
VDD = 5.5V
Representative Part
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
-50
-25
0
255075
100
125
Ambient Temperature (°C)
1 Lot
Low (VCMR_L – VSS)
VDD = 2.5V and 5.5V
0.9
1.0
1.1
1.2
1.3
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 2.5V
VDD = 5.5V
1 Lot
High (VDD – VCMR_H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com