Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP631T-E/MF Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP631T-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631T-E/MF Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP631T-E/MF Datasheet HTML 4Page - Microchip Technology MCP631T-E/MF Datasheet HTML 5Page - Microchip Technology MCP631T-E/MF Datasheet HTML 6Page - Microchip Technology MCP631T-E/MF Datasheet HTML 7Page - Microchip Technology MCP631T-E/MF Datasheet HTML 8Page - Microchip Technology MCP631T-E/MF Datasheet HTML 9Page - Microchip Technology MCP631T-E/MF Datasheet HTML 10Page - Microchip Technology MCP631T-E/MF Datasheet HTML 11Page - Microchip Technology MCP631T-E/MF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
MCP631/2/3/5
DS22197A-page 8
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =2kΩ to VL, CL = 50 pF and CS =VSS.
FIGURE 2-7:
Input Offset Voltage vs.
Common Mode Voltage with VDD =2.5V.
FIGURE 2-8:
Input Offset Voltage vs.
Common Mode Voltage with VDD =5.5V.
FIGURE 2-9:
CMRR and PSRR vs.
Ambient Temperature.
FIGURE 2-10:
DC Open-Loop Gain vs.
Ambient Temperature.
FIGURE 2-11:
DC Open-Loop Gain vs.
Load Resistance.
FIGURE 2-12:
Input Bias and Offset
Currents vs. Ambient Temperature with
VDD = +5.5V.
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Common Mode Voltage (V)
VDD = 2.5V
Representative Part
+125°C
+85°C
+25°C
-40°C
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
Input Common Mode Voltage (V)
VDD = 5.5V
Representative Part
+125°C
+85°C
+25°C
-40°C
60
65
70
75
80
85
90
95
100
105
110
-50
-25
0
255075
100
125
Ambient Temperature (°C)
PSRR
CMRR, VDD = 2.5V
CMRR, VDD = 5.5V
100
105
110
115
120
125
130
-50
-25
0
255075
100
125
Ambient Temperature (°C)
VDD = 5.5V
VDD = 2.5V
95
100
105
110
115
120
125
130
1.E+02
1.E+03
1.E+04
1.E+05
Load Resistance (Ω)
VDD = 5.5V
VDD = 2.5V
100
1k
10k
100k
1.E-12
1.E-11
1.E-10
1.E-09
1.E-08
25
45
65
85
105
125
Ambient Temperature (°C)
VDD = 5.5V
VCM = VCMR_H
| IOS |
IB
1p
10p
100p
1n
10n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com