Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP631T-E/MF Datasheet(PDF) 39 Page - Microchip Technology

Part # MCP631T-E/MF
Description  24 MHz, 2.5 mA Op Amps
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP631T-E/MF Datasheet(HTML) 39 Page - Microchip Technology

Back Button MCP631T-E/MF Datasheet HTML 34Page - Microchip Technology MCP631T-E/MF Datasheet HTML 35Page - Microchip Technology MCP631T-E/MF Datasheet HTML 36Page - Microchip Technology MCP631T-E/MF Datasheet HTML 37Page - Microchip Technology MCP631T-E/MF Datasheet HTML 38Page - Microchip Technology MCP631T-E/MF Datasheet HTML 39Page - Microchip Technology MCP631T-E/MF Datasheet HTML 40Page - Microchip Technology MCP631T-E/MF Datasheet HTML 41Page - Microchip Technology MCP631T-E/MF Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
© 2009 Microchip Technology Inc.
DS22197A-page 39
MCP631/2/3/5
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
MCP631
Single Op Amp
MCP631T
Single Op Amp (Tape and Reel)
(SOIC)
MCP632
Dual Op Amp
MCP632T
Dual Op Amp (Tape and Reel)
(DFN and SOIC)
MCP633
Single Op Amp with CS
MCP633T
Single Op Amp with CS (Tape and Reel)
(SOIC)
MCP635
Dual Op Amp with CS
MCP635T
Dual Op Amp with CS (Tape and Reel)
(DFN and MSOP)
Temperature Range: E
= -40°C to +125°C
Package:
MF = Plastic Dual Flat, No Lead (3×3 DFN),
8-lead, 10-lead
SN = Plastic Small Outline (3.90 mm), 8-lead
UN = Plastic Micro Small Outline (MSOP), 10-lead
Examples:
a)
MCP631T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
a)
MCP632T-E/MF: Tape and Reel
Extended temperature,
8LD DFN package
b)
MCP632T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
a)
MCP633T-E/SN: Tape and Reel
Extended temperature,
8LD SOIC package
a)
MCP635T-E/MF: Tape and Reel
Extended temperature,
10LD DFN package
b)
MCP635T-E/UN: Tape and Reel
Extended temperature,
10LD MSOP package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com