Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MS Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP9804-E/MS
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP9804-E/MS Datasheet HTML 26Page - Microchip Technology MCP9804-E/MS Datasheet HTML 27Page - Microchip Technology MCP9804-E/MS Datasheet HTML 28Page - Microchip Technology MCP9804-E/MS Datasheet HTML 29Page - Microchip Technology MCP9804-E/MS Datasheet HTML 30Page - Microchip Technology MCP9804-E/MS Datasheet HTML 31Page - Microchip Technology MCP9804-E/MS Datasheet HTML 32Page - Microchip Technology MCP9804-E/MS Datasheet HTML 33Page - Microchip Technology MCP9804-E/MS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
MCP9804
DS22203A-page 30
© 2009 Microchip Technology Inc.
5.2
SENSOR FEATURE DESCRIPTION
5.2.1
SHUTDOWN MODE
Shutdown
mode
disables
all
power-consuming
activities (including temperature sampling operations)
while leaving the serial interface active. This mode is
selected by setting bit 8 of CONFIG to ‘1’. In this mode,
the device consumes ISHDN. It remains in this mode
until bit 8 is cleared ‘0’ to enable Continuous
Conversion mode, or until power is recycled.
The Shutdown bit (bit 8) cannot be set to ‘1’ while bits
6 and 7 of CONFIG (Lock bits) are set to ‘1’. However,
it can be cleared ‘0’ or returned to Continuous
Conversion while locked.
In Shutdown mode, all registers can be read or written.
However, the serial bus activity increases the shutdown
current. In addition, if the device is in shutdown while
the Alert pin is asserted, the device will retain the active
state
during shutdown. This increases the shutdown
current due to the additional Alert output current.
5.2.2
TEMPERATURE HYSTERESIS
(THYST)
A hysteresis of 0°C, 1.5°C, 3°C or 6°C can be selected
for
the
TUPPER, TLOWER and TCRIT temperate
boundaries using bits 10 and 9 of CONFIG. The
hysteresis applies for decreasing temperature only (hot
to cold), or as temperature drifts below the specified
limit.
The hysteresis bits can not be changed if either of the
lock bits, bits 6 and 7 of CONFIG, are set to ‘1’.
The TUPPER, TLOWER and TCRIT boundary conditions
are described graphically in Figure 5-11.
5.2.3
ALERT OUTPUT CONFIGURATION
The Alert output can be enabled using bit 3 of CONFIG
(Alert output control bit) and can be configured as
either a comparator output or as Interrupt Output mode
using bit 0 of CONFIG (Alert mode). The polarity can
also be specified as an active-high or active-low using
bit 1 of CONFIG (Alert polarity). This is an open drain
output and requires a pull-up resistor.
When the ambient temperature increases above the
critical temperature limit, the Alert output is forced to a
comparator output (regardless of bit 0 of CONFIG).
When
the
temperature
drifts
below
the
critical
temperature limit minus hysteresis, the Alert output
automatically returns to the state specified by bit 0 of
CONFIG.
FIGURE 5-10:
Active-Low Alert Output
Configuration.
The status of the Alert output can be read using bit 4 of
CONFIG (Alert status). This bit can not be set to ‘1’ in
shutdown mode.
Bit 7 and 6 of the CONFIG register can be used to lock
the TUPPER, TLOWER and TCRIT registers. The bits
prevent false triggers at the Alert output due to an
accidental rewrite to these registers.
The Alert output can also be used as a critical
temperature output using bit 2 of CONFIG (critical
output only). When this feature is selected, the Alert
output becomes a comparator output. In this mode, the
interrupt output configuration (bit 0 of CONFIG) is
ignored.
5.2.3.1
Comparator Mode
Comparator mode is selected using bit 0 of CONFIG. In
this mode, the Alert output is asserted as active-high or
active-low using bit 1 of CONFIG. Figure 5-11 shows
the conditions that toggle the Alert output.
If the device enters Shutdown mode with asserted Alert
output, the output remains asserted during Shutdown.
The
device
must
be
operating
in
Continuous
Conversion mode for tCONV; the TA vs. TUPPER,
TLOWER and TCRIT boundary conditions need to be
satisfied in order for the Alert output to deassert.
Comparator
mode
is
useful
for
thermostat-type
applications, such as turning on a cooling fan or
triggering a system shutdown when the temperature
exceeds a safe operating range.
5.2.3.2
Interrupt Mode
In the Interrupt mode, the Alert output is asserted as
active-high or active-low (depending on the polarity
configuration) when TA drifts above or below TUPPER
and TLOWER limits. The output is deasserted by setting
bit 5 (Interrupt Clear) of CONFIG. Shutting down the
device will not reset or deassert the Alert output. This
mode can not be selected when the Alert output is used
as critical temperature output only, using bit 2 of CONFIG.
This mode is designed for interrupt driven microcontroller
based systems. The microcontroller receiving the
interrupt will have to acknowledge the interrupt by setting
bit 5 of CONFIG register from the MCP9804.
MCP9804
Alert Output
RPU
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com