Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MS Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP9804-E/MS
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP9804-E/MS Datasheet HTML 15Page - Microchip Technology MCP9804-E/MS Datasheet HTML 16Page - Microchip Technology MCP9804-E/MS Datasheet HTML 17Page - Microchip Technology MCP9804-E/MS Datasheet HTML 18Page - Microchip Technology MCP9804-E/MS Datasheet HTML 19Page - Microchip Technology MCP9804-E/MS Datasheet HTML 20Page - Microchip Technology MCP9804-E/MS Datasheet HTML 21Page - Microchip Technology MCP9804-E/MS Datasheet HTML 22Page - Microchip Technology MCP9804-E/MS Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 19
MCP9804
bit 7
TCRIT Lock Bit (Crit. Lock):
0
=
Unlocked. TCRIT register can be written (power-up default).
1
=
Locked. TCRIT register can not be written.
When enabled, this bit remains set ‘1’ or locked until cleared by internal reset (
Section 5.3). This bit
does not require a double-write.
This bit can be programmed in shutdown mode.
bit 6
TUPPER and TLOWER Window Lock Bit (Win. Lock):
0
=
Unlocked. TUPPER and TLOWER registers can be written (power-up default).
1
=
Locked. TUPPER and TLOWER registers can not be written.
When enabled, this bit remains set ‘1’ or locked until cleared by power-on Reset (
Section 5.3). This
bit does not require a double-write.
This bit can be programmed in shutdown mode.
bit 5
Interrupt Clear (Int. Clear) Bit:
0
=
No effect (power-up default)
1
=
Clear interrupt output. When read this bit returns ‘0’
This bit can not be set ‘1’ in shutdown mode, but it can be cleared after the device enters shutdown
mode.
bit 4
Alert Output Status (Alert Stat.) Bit:
0
=
Alert output is not asserted by the device (power-up default)
1
=
Alert output is asserted as a comparator/Interrupt or critical temperature output
This bit can not be set ‘1’ or cleared ‘0’ in shutdown mode. However, if the Alert output is configured
as interrupt mode, and if the host controller clears ‘0’ the interrupt using bit 5 while the device is in
shutdown mode then this bit will also be cleared ‘0’.
bit 3
Alert Output Control (Alert Cnt.) Bit:
0
=
Disabled (power-up default)
1
=
Enabled
This bit can not be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but the Alert output will not assert or de-assert.
bit 2
Alert Output Select (Alert Sel.) Bit:
0
=
Alert output for TUPPER, TLOWER and TCRIT (power-up default)
1
=
TA > TCRIT only. (TUPPER and TLOWER temperature boundaries are disabled.)
When the Alarm Window Lock bit is set, this bit cannot be altered until unlocked (bit 6).
This bit can be programmed in shutdown mode, but the Alert output will not assert or de-assert.
bit 1
Alert Output Polarity (Alert Pol.) Bit:
0
=
Active low (power-up default. Pull-up resistor required)
1
=
Active-high
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but the Alert output will not assert or de-assert.
bit 0
Alert Output Mode (Alert Mod.) Bit:
0
=
Comparator output (power-up default)
1
=
Interrupt output
This bit cannot be altered when either of the lock bits is set (bit 6 and bit 7).
This bit can be programmed in shutdown mode, but the Alert output will not assert or de-assert.
REGISTER 5-2:
CONFIGURATION REGISTER (CONFIG)
→ ADDRESS ‘0000 0001’b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com