Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MS Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP9804-E/MS
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Datasheet(HTML) 5 Page - Microchip Technology

  MCP9804-E/MS Datasheet HTML 1Page - Microchip Technology MCP9804-E/MS Datasheet HTML 2Page - Microchip Technology MCP9804-E/MS Datasheet HTML 3Page - Microchip Technology MCP9804-E/MS Datasheet HTML 4Page - Microchip Technology MCP9804-E/MS Datasheet HTML 5Page - Microchip Technology MCP9804-E/MS Datasheet HTML 6Page - Microchip Technology MCP9804-E/MS Datasheet HTML 7Page - Microchip Technology MCP9804-E/MS Datasheet HTML 8Page - Microchip Technology MCP9804-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
© 2009 Microchip Technology Inc.
DS22203A-page 5
MCP9804
TIMING DIAGRAM
SENSOR SERIAL INTERFACE TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, TA = -40°C to +125°C, GND = Ground,
and CL = 80 pF (Note).
Parameters
Sym
Min
Max
Units
Conditions
2-Wire SMBus/Standard Mode I2C™ Compatible Interface (Note)
Serial Port Clock Frequency
fSC
10
—
100
kHz
Low Clock
tLOW
4.7
—
—
µs
High Clock
tHIGH
4.0
—
—
µs
Rise Time
tR
—
—
1000
ns
Fall Time
tF
——
300
ns
Data Setup Before SCL High
tSU-DATA
250
—
—
ns
Data Hold After SCL Low
tHD-DATA
300
—
—
ns
Start Condition Setup Time
tSU-START
4.7
—
—
µs
Start Condition Hold Time
tHD-START
4.0
—
—
µs
Stop Condition Setup Time
tSU-STOP
4.0
—
—
µs
Bus Free
tB-FREE
4.7
—
—
µs
Time Out
tOUT
20
27
35
ms
Note:
The serial interface specification min./max. limits are specified by characterization (not production tested).
tSU-START
tH-START
tSU-DATA
tSU-STOP
tB-FREE
SCL
SDA
tH-DATA
tHIGH
tLOW
tOUT
tR, tF
START Condition
Data Transmission
STOP Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com