Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9804-E/MS Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP9804-E/MS
Description  짹0.25째C Typ. Accuracy Digital Temperature Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9804-E/MS Datasheet(HTML) 4 Page - Microchip Technology

  MCP9804-E/MS Datasheet HTML 1Page - Microchip Technology MCP9804-E/MS Datasheet HTML 2Page - Microchip Technology MCP9804-E/MS Datasheet HTML 3Page - Microchip Technology MCP9804-E/MS Datasheet HTML 4Page - Microchip Technology MCP9804-E/MS Datasheet HTML 5Page - Microchip Technology MCP9804-E/MS Datasheet HTML 6Page - Microchip Technology MCP9804-E/MS Datasheet HTML 7Page - Microchip Technology MCP9804-E/MS Datasheet HTML 8Page - Microchip Technology MCP9804-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
MCP9804
DS22203A-page 4
© 2009 Microchip Technology Inc.
GRAPHICAL SYMBOL DESCRIPTION
DIGITAL INPUT/OUTPUT PIN CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V, GND = Ground, and TA = -40°C to
+125°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Serial Input/Output (SCL, SDA, A0, A1, A2)
Input
High-level Voltage
VIH
2.1
V
Low-level Voltage
VIL
——
0.8
V
Input Current
IIN
——
±5
µA
Output (SDA)
Low-level Voltage
VOL
——
0.4
V
IOL= 3 mA
High-level Current (leakage)
IOH
——
1
µA
VOH = 5.5V
Low-level Current
IOL
6—
mA
VOL = 0.6V
SDA and SCL Inputs
Hysteresis
VHYST
—0.5
V
Spike Suppression
tSP
50
ns
Capacitance
CIN
—5
pF
VDD
VIH
VIL
IIN
Voltage
Current
time
VDD
IOH
Voltage
Current
time
INPUT
OUTPUT
VOL
IOL
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, V
DD = 2.7V to 5.5V and GND = Ground.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
+125
°C
Note 1
Operating Temperature Range
TA
-40
+125
°C
Storage Temperature Range
TA
-65
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-DFN
θ
JA
—41
°C/W
Thermal Resistance, 8L-MSOP
θ
JA
—206
°C/W
Note 1: Operation in this range must not cause T
J to exceed Maximum Junction Temperature (+150°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com