Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/S400/2 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF8576DT/S400/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/S400/2 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF8576DT/S400/2 Datasheet HTML 1Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 2Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 3Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 4Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 5Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
2 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
3.
Ordering information
[1]
Chips in tray.
[2]
Chips with bumps in tray.
4.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF8576DH/2
TQFP64
plastic thin quad flat package, 64 leads;
body 10
× 10 × 1.0 mm
SOT357-1
PCF8576DT/2
TSSOP56
plastic thin shrink small outline package, 56 leads;
body width 6.1 mm
SOT364-1
PCF8576DT/S400/2
TSSOP56
plastic thin shrink small outline package, 56 leads;
body width 6.1 mm
SOT364-1
PCF8576DU/DA/2
PCF8576DU/DA
wire bond die; 59 bonding pads; 2.26
× 2.01 × 0.38 mm[1]
PCF8576DU/DA
PCF8576DU/2DA/2
PCF8576DU/2DA
bare die; 59 bumps; 2.26
× 2.01 × 0.40 mm[2]
PCF8576DU/2DA
Table 2.
Marking codes
Type number
Marking code
PCF8576DH/2
PCF8576DH
PCF8576DT/2
PCF8576DT
PCF8576DT/S400/2
PCF8576DT/S400
PCF8576DU/DA/2
PC8576D-2
PCF8576DU/2DA/2
PC8576D-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com