Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/S400/2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8576DT/S400/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/S400/2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8576DT/S400/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
25 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
7.17 Command decoder
The command decoder identifies command bytes that arrive on the I2C-bus.
The commands available to the PCF8576D are defined in Table 7.
[1]
Not used.
All available commands carry a continuation bit C in their most significant bit position as
shown in Figure 18. When this bit is set, it indicates that the next byte of the transfer to
arrive will also represent a command. If this bit is reset, it indicates that the command byte
is the last in the transfer. Further bytes will be regarded as display data (see Table 8).
[1]
The possibility to disable the display allows implementation of blinking under external control.
Table 7.
Definition of PCF8576D commands
Command
Operation Code
Reference
Bit
7
6
5
4
3
2
1
0
mode-set
C
1
0
[1]
E
B
M1
M0
Table 9
load-data-pointer
C
0
P5
P4
P3
P2
P1
P0
Table 10
device-select
C
1100A2
A1
A0
Table 11
bank-select
C
11110I
O
Table 12
blink-select
C
1110A
BF1
BF0
Table 13
Table 8.
C bit description
Bit
Symbol
Value
Description
7C
continue bit
0
last control byte in the transfer; next byte will be regarded
as display data
1
control bytes continue; next byte will be a command too
Table 9.
Mode-set command bits description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 8
6, 5
-
10
fixed value
4
-
-
unused
3E
display status
0
disabled (blank)[1]
1
enabled
2B
LCD bias configuration
0
1
⁄3 bias
1
1
⁄2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; BP0
10
1:2 multiplex; BP0, BP1
11
1:3 multiplex; BP0, BP1, BP2
00
1:4 multiplex; BP0, BP1, BP2, BP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com