Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/S400/2 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8576DT/S400/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/S400/2 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8576DT/S400/2 Datasheet HTML 3Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 4Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 5Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 6Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 7Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 8Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 9Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 10Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
7 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
6.2 Pin description
[1]
The substrate (rear side of the die) is wired to VSS but should not be electrically connected.
7.
Functional description
The PCF8576D is a versatile peripheral device designed to interface any
microprocessor or microcontroller with a wide variety of LCDs. It can directly drive any
static or multiplexed LCD containing up to four backplanes and up to 40 segments.
The possible display configurations of the PCF8576D depend on the number of active
backplane outputs required. A selection of display configurations is shown in Table 4. All
of these configurations can be implemented in the typical system shown in Figure 5.
Table 3.
Pin description
Symbol
Pin
Description
PCF8576DH/2
PCF8576DT/x
PCF8576DU/x
SDA
10
44
1, 58 and 59
I2C-bus serial data input and output
SCL
11
45
2 and 3
I2C-bus serial clock input
CLK
13
47
5
external clock input or output
VDD
14
48
6
supply voltage
SYNC
12
46
4
cascade synchronization input or
output
OSC
15
49
7
internal oscillator enable input
A0 to A2
16 to 18
50 to 52
8 to 10
subaddress inputs
SA0
19
53
11
I2C-bus address input; bit 0
VSS
20
54
12[1]
ground supply voltage
VLCD
21
55
13
LCD supply voltage
BP0, BP2,
BP1, BP3
25 to 28
56, 1, 2, 3
14 to 17
LCD backplane outputs
S0 to S39
29 to 32, 34 to 47,
49 to 64, 2 to 7
4 to 43
18 to 57
LCD segment outputs
n.c.
1, 8, 9, 22 to 24,
33, 48
-
-
not connected
Table 4.
Display configurations
Number of:
7-segment numeric
14-segment numeric
Dot matrix
Backplanes Segments Digits
Indicator
symbols
Characters Indicator
symbols
4
160
20
20
10
20
160 dots (4
× 40)
3
120
15
15
8
8
120 dots (3
× 40)
2
80
10
10
5
10
80 dots (2
× 40)
1
40
5
5
2
12
40 dots (1
× 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com