Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8576DT/S400/2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8576DT/S400/2
Description  Universal LCD driver for low multiplex rates
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DT/S400/2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8576DT/S400/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DT/S400/2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
PCF8576D_9
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 09 — 25 August 2009
26 of 52
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
[1]
The bank-select command has no effect in 1:3 and 1:4 multiplex drive modes.
[1]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[2]
Alternating RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
Table 10.
Load-data-pointer command bits description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 8
6
-
0
fixed value
5 to 0
P[5:0]
000000 to
100111
6 bit binary value, 0 to 39; transferred to the data pointer to
define one of forty display RAM addresses
Table 11.
Device-select command bits description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 8
6 to 3
-
1100
fixed value
2 to 0
A[2:0]
000 to 111
3 bit binary value, 0 to 7; transferred to the subaddress
counter to define one of eight hardware subaddresses
Table 12.
Bank-select command bits description
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7
C
0, 1
see Table 8
6 to 2
-
11110
fixed value
1I
input bank selection; storage of arriving display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
0O
output bank selection; retrieval of LCD display data
0
RAM bit 0
RAM bits 0 and 1
1
RAM bit 2
RAM bits 2 and 3
Table 13.
Blink-select command bits description
Bit
Symbol
Value
Description
7
C
0, 1
see Table 8
6 to 3
-
1110
fixed value
2A
blink mode selection
0
normal blinking[1]
1
alternate RAM bank blinking[2]
1 to 0
BF[1:0]
blink frequency selection
00
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com