Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CDB Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 71Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 72Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 73Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
75
Chapter 9
Internal Clock Source (RS08ICSV1)
9.1
Introduction
The internal clock source (ICS) module provides clock source choices for the MCU. The module contains
a frequency-locked loop (FLL) as a clock source that is controllable by an internal reference clock. The
module can provide this FLL clock or the internal reference clock as a source for the MCU system clock,
ICSOUT.
Whichever clock source is chosen, ICSOUT is passed through a bus clock divider (BDIV), which allows
a lower final output clock frequency to be derived. ICSOUT is two times the bus frequency.
Figure 9-1 shows the SC9RS08KA2 Series block diagram with the ICS highlighted.
Figure 9-1. SC9RS08KA2 Series Block Diagram Highlighting ICS Block
RS08 CORE
USER RAM — 63 BYTES
NOTES:
(1) Pins are software configurable with pullup/pulldown device if input port.
(2) Integrated pullup device enabled if reset enabled (RSTPE=1).
(3) These pins are not available in 6-pin package
POWER AND
VSS
VDD
INTERNAL CLOCK
SOURCE
BDC
RS08 SYSTEM CONTROL
RTI
CPU
COP
WAKEUP
LVD
RESET AND STOP WAKEUP
MODES OF OPERATION
POWER MANAGEMENT
5-BIT KEYBOARD
INTERRUPT MODULE
PTA0/KBIP0/ACMP+ (1)
PTA1/KBIP1/ACMP- (1)
PTA2/KBIP2/TCLK/RESET/VPP (1),( 2)
PTA3/ACMPO/BKGD/MS
ANALOG COMPARATOR
MODULE
MODULO TIMER
MODULE
PTA4/KBIP4 (1),(3)
PTA5/KBIP5 (1), (3)
INTERNAL REGULATOR
(KBI)
5
TCLK
ACMP-
ACMP+
ACMPO
(ICS)
(ACMP)
(MTIM)
USER FLASH
SC9RS08KA2 — 2048 BYTES
SC9RS08KA1 — 1024 BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com