Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CDB Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 82Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 83Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 84Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
83
Chapter 10
Analog Comparator (RS08ACMPV1)
10.1
Introduction
The analog comparator module (ACMP) provides a circuit for comparing two analog input voltages or for
comparing one analog input voltage to an internal reference voltage. The comparator circuit is designed to
operate across the full range of the supply voltage (rail to rail operation).
Figure 10-1 shows the SC9RS08KA2 Series block diagram with the ACMP highlighted.
Figure 10-1. SC9RS08KA2 Series Block Diagram Highlighting ACMP Block and Pins
RS08 CORE
USER RAM — 63 BYTES
NOTES:
(1) Pins are software configurable with pullup/pulldown device if input port.
(2) Integrated pullup device enabled if reset enabled (RSTPE=1).
(3) These pins are not available in 6-pin package
POWER AND
VSS
VDD
INTERNAL CLOCK
SOURCE
BDC
RS08 SYSTEM CONTROL
RTI
CPU
COP
WAKEUP
LVD
RESET AND STOP WAKEUP
MODES OF OPERATION
POWER MANAGEMENT
5-BIT KEYBOARD
INTERRUPT MODULE
PTA0/KBIP0/ACMP+ (1)
PTA1/KBIP1/ACMP- (1)
PTA2/KBIP2/TCLK/RESET/VPP (1),( 2)
PTA3/ACMPO/BKGD/MS
ANALOG COMPARATOR
MODULE
MODULO TIMER
MODULE
PTA4/KBIP4 (1),(3)
PTA5/KBIP5 (1), (3)
INTERNAL REGULATOR
(KBI)
5
TCLK
ACMP-
ACMP+
ACMPO
(ICS)
(ACMP)
(MTIM)
USER FLASH
SC9RS08KA2 — 2048 BYTES
SC9RS08KA1 — 1024 BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com