Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CDB Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 87Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 88Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 89Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 90Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 91Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 92Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
89
Chapter 11
Modulo Timer (RS08MTIMV1)
11.1
Introduction
The MTIM is a simple 8-bit timer with several software selectable clock sources and a programmable
interrupt.
The central component of the MTIM is the 8-bit counter that can operate as a free-running counter or a
modulo counter. A timer overflow interrupt can be enabled to generate periodic interrupts for time-based
software loops.
The TCLK input is connected to the PTA2 pin of the SC9RS08KA2 Series. The XCLK input is connected
to the ICSFFCLK clock divided by two, where the ICSFFCLK is the fixed-frequency internal reference
clock from the ICS module.
Figure 11-1 shows the SC9RS08KA2 Series block diagram with the MTIM highlighted.
Figure 11-1. SC9RS08KA2 Series Block Diagram Highlighting MTIM Block and Pin
RS08 CORE
USER RAM — 63 BYTES
NOTES:
(1) Pins are software configurable with pullup/pulldown device if input port.
(2) Integrated pullup device enabled if reset enabled (RSTPE=1).
(3) These pins are not available in 6-pin package
POWER AND
VSS
VDD
INTERNAL CLOCK
SOURCE
BDC
RS08 SYSTEM CONTROL
RTI
CPU
COP
WAKEUP
LVD
RESET AND STOP WAKEUP
MODES OF OPERATION
POWER MANAGEMENT
5-BIT KEYBOARD
INTERRUPT MODULE
PTA0/KBIP0/ACMP+ (1)
PTA1/KBIP1/ACMP- (1)
PTA2/KBIP2/TCLK/RESET/VPP (1),( 2)
PTA3/ACMPO/BKGD/MS
ANALOG COMPARATOR
MODULE
MODULO TIMER
MODULE
PTA4/KBIP4 (1),(3)
PTA5/KBIP5 (1), (3)
INTERNAL REGULATOR
(KBI)
5
TCLK
ACMP-
ACMP+
ACMPO
(ICS)
(ACMP)
(MTIM)
USER FLASH
SC9RS08KA2 — 2048 BYTES
SC9RS08KA1 — 1024 BYTES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com