Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9RS08KA2J3CDB Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # SC9RS08KA2J3CDB
Description  RS08 Microcontrollers
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9RS08KA2J3CDB Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button SC9RS08KA2J3CDB Datasheet HTML 93Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 94Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 95Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 96Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 97Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 98Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 99Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 100Page - Freescale Semiconductor, Inc SC9RS08KA2J3CDB Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 134 page
background image
SC9RS08KA2 Series Data Sheet, Rev. 1
Freescale Semiconductor
97
Chapter 12
Development Support
12.1
Introduction
Development support systems in the RS08 family include the RS08 background debug controller (BDC).
The BDC provides a single-wire debug interface to the target MCU. This interface provides a convenient
means for programming the on-chip FLASH and other nonvolatile memories. Also, the BDC is the
primary debug interface for development and allows non-intrusive access to memory data and traditional
debug features such as CPU register modify, breakpoint, and single-instruction trace commands.
In the RS08 Family, address and data bus signals are not available on external pins. Debug is done through
commands fed into the target MCU via the single-wire background debug interface, including resetting the
device without using a reset pin.
Figure 12-1. Connecting MCU to Host for Debugging
12.2
Features
Features of the RS08 background debug controller (BDC) include:
•
Uses a single pin for background debug serial communications
•
Non-intrusive of user memory resources; BDC registers are not located in the memory map
•
SYNC command to determine target communications rate
•
Non-intrusive commands allow access to memory resources while CPU is running user code
without stopping applications
•
Active background mode commands for CPU register access
•
GO and TRACE1 commands
•
BACKGROUND command can wake CPU from wait or stop modes
MCU
USER PCB
COMMAND TRANSLATOR
TARGET
RS08 POD
HOST
RS-232
USB, Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com